Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP410MPAPREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TFP410MPAPREP
Description  PanelBus??DIGITAL TRANSMITTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP410MPAPREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TFP410MPAPREP Datasheet HTML 7Page - Texas Instruments TFP410MPAPREP Datasheet HTML 8Page - Texas Instruments TFP410MPAPREP Datasheet HTML 9Page - Texas Instruments TFP410MPAPREP Datasheet HTML 10Page - Texas Instruments TFP410MPAPREP Datasheet HTML 11Page - Texas Instruments TFP410MPAPREP Datasheet HTML 12Page - Texas Instruments TFP410MPAPREP Datasheet HTML 13Page - Texas Instruments TFP410MPAPREP Datasheet HTML 14Page - Texas Instruments TFP410MPAPREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TFP410-EP
PanelBus
™ DIGITAL TRANSMITTER
SGLS344A − JULY 2006 − REVISED MAY 2011
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
transition minimized differential signaling (TMDS) pixel data and control signal encoding
For TMDS, only one of two possible TMDS characters for a given pixel is transmitted at a given time. The
transmitter keeps a running count of the number of ones and zeros previously sent and transmits the character
that minimizes the number of transitions and approximates a dc balance of the transmission line. Three TMDS
channels are used to transmit RGB pixel data during the active video interval (DE = High). These same three
channels are also used to transmit HSYNC, VSYNC, and the control signals, CTL[2:1], during the inactive
display or blanking interval (DE = Low). The following table maps the transmitted output data to the appropriate
TMDS output channel in a DVI-compliant system.
INPUT PINS
(VALID FOR DE = High)
TMDS OUTPUT CHANNEL
TRANSMITTED PIXEL DATA
ACTIVE DISPLAY (DE = High)
DATA[23:16]
Channel 2 (TX2 ±)
Red[7:0]
DATA[15:8]
Channel 1 (TX1 ±)
Green[7:0]
DATA[7:0]
Channel 0 (TX0 ±)
Blue[7:0]
INPUT PINS
(VALID FOR DE = Low)
TMDS OUTPUT CHANNEL
TRANSMITTED CONTROL DATA
BLANKING INTERVAL (DE = Low)
CTL3, CTL2 (see Note 1)
Channel 2 (TX2 ±)
CTL[3:2]
CTL1 (See Note 1)
Channel 1 (TX1 ±)
CTL[1]
HSYNC, VSYNC
Channel 0 (TX0 ±)
HSYNC, VSYNC
NOTE 1: The TFP410 encodes and transfers the CTL[3:1] inputs during the vertical blanking interval. CTL3 is reserved for HDCP and is
always encoded as 0. The CTL[2:1] inputs are reserved for future use. When DE = high, CTL and SYNC pins must be held
constant.
universal graphics controller interface voltage signal levels
The universal graphics controller interface can operate in the following two distinct voltage modes:
D High-swing mode where standard 3.3-V CMOS signaling levels are used
D Low-swing mode where adjustable 1.1-V to 1.8-V signaling levels are used
To select the high-swing mode, the VREF input pin must be tied to the 3.3-V power supply.
To select the low-swing mode, the VREF must be 0.55 to 0.95 V.
In the low-swing mode, VREF is used to set the midpoint of the adjustable signaling levels. The allowable range
of values for VREF is from 0.55 V to 0.9 V. The typical approach is to provide this from off chip by using a simple
voltage-divider circuit. The minimum allowable input signal swing in the low-swing mode is VREF ± 0.2 V. In
low-swing mode, the VREF input is common to all differential input receivers.
universal graphics controller interface clock inputs
The universal graphics controller interface of the TFP410 supports both fully differential and single-ended clock
input modes. In the differential clock input mode, the universal graphics controller interface uses the crossover
point between the IDCK+ and IDCK− signals as the timing reference for latching incoming data (DATA[23:0],
DE, HSYNC, and VSYNC). Differential clock inputs provide greater common-mode noise rejection. The
differential clock input mode is only available in the low-swing mode. In the single-ended clock input mode, the
IDCK+ input (pin 57) should be connected to the single-ended clock source and the IDCK− input (pin 56) should
be tied to GND.
The universal graphics controller interface of the TFP410 provides selectable 12-bit dual-edge and 24-bit
single-edge input clocking modes. In the 12-bit dual-edge mode, the 12-bit data is latched on each edge of the
input clock. In the 24-bit single-edge mode, the 24-bit data is latched on the rising edge of the input clock when
EDGE = 1 and the falling edge of the input clock when EDGE = 0.
DKEN and DK[3:1] allow the user to compensate the skew between IDCK± and the pixel data and control
signals. See the description of the CTL_3_MODE register for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com