Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP410MPAPREP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TFP410MPAPREP
Description  PanelBus??DIGITAL TRANSMITTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP410MPAPREP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TFP410MPAPREP Datasheet HTML 17Page - Texas Instruments TFP410MPAPREP Datasheet HTML 18Page - Texas Instruments TFP410MPAPREP Datasheet HTML 19Page - Texas Instruments TFP410MPAPREP Datasheet HTML 20Page - Texas Instruments TFP410MPAPREP Datasheet HTML 21Page - Texas Instruments TFP410MPAPREP Datasheet HTML 22Page - Texas Instruments TFP410MPAPREP Datasheet HTML 23Page - Texas Instruments TFP410MPAPREP Datasheet HTML 24Page - Texas Instruments TFP410MPAPREP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
TFP410-EP
PanelBus
™ DIGITAL TRANSMITTER
SGLS344A − JULY 2006 − REVISED MAY 2011
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
register descriptions (continued)
CFG
Sub-Address = 0B
Read Only
7
6
5
4
3
2
1
0
CFG[7:0] (D[23:16])
This read-only register contains the state of the inputs D[23:16]. These pins can be used to provide the user with
selectable configuration data through the I2C bus.
RESERVED
Sub-Address = 0E−0C
Read/Write
Default = 0x97D0A9
7
6
5
4
3
2
1
0
RESERVED
RESERVED
RESERVED
These read/write registers have no effect on TFP410 operation.
DE_DLY
Sub-Address = 32
Read/Write
Default = 0x00
7
6
5
4
3
2
1
0
DE_DLY[7:0]
This read/write register defines the number of pixels after HSYNC goes active when the DE is generated and when
the DE generator is enabled. The value must be less than or equal to (2047 − DE_CNT).
DE_CTL
Sub-Address = 33
Read/Write
Default = 0x00
7
6
5
4
3
2
1
0
Reserved
DE_GEN
VS_POL
HS_POL
Reserved
DE_DLY[8]
DE_DLY[8]: This read/write register contains the top bit of DE_DLY.
HS_POL: This read/write register sets the HSYNC polarity.
0: HSYNC is considered active low.
1: HSYNC is considered active high.
Pixel counts are reset on the HSYNC active edge.
VS_POL: This read/write register sets the VSYNC polarity.
0: VSYNC is considered active low.
1: VSYNC is considered active high.
Line counts are reset on the VSYNC active edge.
DE_GEN: This read/write register enables the internal DE generator.
0: DE generator is disabled. Signal required on DE pin.
1: DE generator is enabled. DE pin is ignored.
DE_TOP
Sub-Address = 34
Read/Write
Default = 0x00
7
6
5
4
3
2
1
0
DE_TOP[7:0]
This read/write register defines the number of pixels after VSYNC goes active when the DE is generated and when
the DE generator is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com