Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP410MPAPREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TFP410MPAPREP
Description  PanelBus??DIGITAL TRANSMITTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP410MPAPREP Datasheet(HTML) 4 Page - Texas Instruments

  TFP410MPAPREP Datasheet HTML 1Page - Texas Instruments TFP410MPAPREP Datasheet HTML 2Page - Texas Instruments TFP410MPAPREP Datasheet HTML 3Page - Texas Instruments TFP410MPAPREP Datasheet HTML 4Page - Texas Instruments TFP410MPAPREP Datasheet HTML 5Page - Texas Instruments TFP410MPAPREP Datasheet HTML 6Page - Texas Instruments TFP410MPAPREP Datasheet HTML 7Page - Texas Instruments TFP410MPAPREP Datasheet HTML 8Page - Texas Instruments TFP410MPAPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TFP410-EP
PanelBus
™ DIGITAL TRANSMITTER
SGLS344A − JULY 2006 − REVISED MAY 2011
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
DE
2
I
Data enable. As defined in DVI 1.0 specification, the DE signal allows the transmitter to encode pixel
data or control data on any given input clock cycle. During active video (DE = high), the transmitter
encodes pixel data, DATA[23:0]. During the blanking interval (DE = low), the transmitter encodes
HSYNC, VSYNC, and CTL[3:1].
HSYNC
4
I
Horizontal sync input
IDCK−
IDCK+
56
57
I
Differential clock input. The TFP410 supports both single-ended and fully differential clock input
modes. In the single-ended clock input mode, the IDCK+ input (pin 57) should be connected to the
single-ended clock source and the IDCK− input (pin 56) should be tied to GND. In the differential clock
input mode, the TFP410 uses the crossover point between the IDCK+ and IDCK− signals as the timing
reference for latching incoming data DATA[23:0], DE, HSYNC, and VSYNC. The differential clock input
mode is only available in the low signal swing mode.
VSYNC
5
I
Vertical sync input
Configuration/Programming
BSEL/SCL
15
I
Input bus select/I2C clock input. The operation of this pin depends on whether the I2C interface is
enabled or disabled. This pin is only 3.3-V tolerant.
When I2C is disabled (ISEL = low), a high level selects 24-bit input, single-edge input mode. A low level
selects 12-bit input, dual-edge input mode.
When I2C is enabled (ISEL = high), this pin functions as the I2C clock input (see the I2C register
descriptions section). In this configuration, this pin has an open-drain output that requires an external
5-kΩ pullup resistor connected to VDD.
DKEN
35
I
Data deskew enable. The deskew function can be enabled either through I2C or by this pin when I2C is
disabled. When deskew is enabled, the input clock to data setup/hold time can be adjusted in discrete
trim increments. The amount of trim per increment is defined by t(STEP).
When I2C is disabled (ISEL = low), a high level enables deskew with the trim increment determined by
pins DK[3:1] (see the data deskew section). A low level disables deskew and the default trim setting is
used.
When I2C is enabled (ISEL = high), the value of DKEN and the trim increment are selected through I2C.
In this configuration, the DKEN pin should be tied to either GND or VDD to avoid a floating input.
DSEL/SDA
14
I/O
DSEL/I2C data. The operation of this pin depends on whether the I2C interface is enabled or disabled.
This pin is only 3.3-V tolerant.
When I2C is disabled (ISEL = low), this pin is used with BSEL and VREF to select the single-ended or
differential input clock mode (see the universal graphics controller interface modes section).
When I2C is enabled (ISEL = high), this pin functions as the I2C bidirectional data line. In this
configuration, this pin has an open-drain output that requires an external 5-kΩ pullup resistor
connected to VDD.
EDGE/HTPLG
9
I
Edge select/hot plug input. The operation of this pin depends on whether the I2C interface is enabled or
disabled. This input is 3.3-V tolerant only.
When I2C is disabled (ISEL = low), a high level selects the primary latch to occur on the rising edge of
the input clock IDCK+. A low level selects the primary latch to occur on the falling edge of the input clock
IDCK+. This is the case for both single-ended and differential input clock modes.
When I2C is enabled (ISEL = high), this pin is used to monitor the hot plug detect signal (see the DVI or
VESA™ P&D and DFP standards). When used for hot-plug detection, this pin requires a series 1-KΩ
resistor.
ISEL/RST
13
I
I2C interface select/I2C reset (active low, asynchronous)
If ISEL is high, the I2C interface is active. Default values for the I2C registers can be found in the I2C
register descriptions section.
If ISEL is low, I2C is disabled and the chip configuration is specified by the configuration pins (BSEL,
DSEL, EDGE, VREF) and state pins (PD, DKEN).
If ISEL is brought low and then back high, the I2C state machine is reset. The register values are
changed to their default values and are not preserved from before the reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com