Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4113MDGQREP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4113MDGQREP
Description  HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4113MDGQREP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV4113MDGQREP Datasheet HTML 13Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 14Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 15Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 16Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 17Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 18Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 19Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 20Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
MACROMODEL INFORMATION
* TLV4112_5V operational amplifier ”macromodel” subcircuit
* updated using Model Editor release 9.1 on 01/18/00 at 15:50
Model Editor is an OrCAD product.
*
* connections: non−inverting input
*
| inverting input
*
| | positive power supply
*
| | | negative power supply
*
| | | | output
*
| | | | |
.subckt TLV4112_5V
1 2 3 4 5
*
c1
11
12
2.2439E−12
c2
6
7
10.000E−12
css
10
99
454.55E−15
dc
5
53
dy
de
54
5
dy
dlp
90
91
dx
dln
92
90
dx
dp
4
3
dx
egnd
99
0
poly(2) (3,0) (4,0) 0 .5 .5
fb
7
99
poly(5) vb vc ve vlp vln 0
+ 33.395E6 −1E3 1E3 33E6 −33E6
ga
6
0
11
12 168.39E−6
gcm
0
6
10
99 168.39E−12
iss
10
4
dc
13.800E−6
hlim
90
0
vlim 1K
ioff
0
6
dc
75E−9
j1
11
2
10 jx1
J2
12
1
10 jx2
r2
6
9
100.00E3
rd1
3
11
5.9386E3
rd2
3
12
5.9386E3
ro1
8
5
10
ro2
7
99
10
rp
3
4
3.3333E3
rss
10
99
14.493E6
vb
9
0
dc 0
vc
3
53
dc .86795
ve
54
4
dc .86795
vlim
7
8
dc 0
vlp
91
0
dc 300
vln
0
92
dc 300
.model
dx
D(Is=800.00E−18)
.model
dy
D(Is=800.00E−18 Rs=1m Cjo=10p)
.model
jx1
NJF(Is=150.00E−12 Beta=2.0547E−3 +Vto=−1)
.model
jx2
NJF(Is=150.00E−12 Beta=2.0547E−3 + Vto=−1)
.ends
*$
IN−
G
D
S
D
S
G
rp
IN+
rd1
rd2
rss
egnd
fb
ro2
ro1
vlim
OUT
ga
ioff
gcm
vb
c1
dc
iss
dp
GND
VDD
css
c2
ve
de
dlp
dln
vln
hlim
vlp
10
4
1
11
12
3
53
54
9
6
8
5
7
91
90
92
vc
99
+
+
+
+
+
+
+
−
−
−
−
−
−
−
−
+
r2
2
S0096-01
TLV4110-EP, TLV4111-EP
TLV4112-EP, TLV4113-EP
www.ti.com............................................................................................................................................................... SGLS314D – JUNE 2006 – REVISED MAY 2008
Macromodel information provided was derived using Microsim Parts™, the model generation software used with
Microsim PSpice™ The Boyle macromodel (see Note 3) and subcircuit in Figure 33 are generated using the
TLV411x typical electrical and operating characteristics at TA = 25°C. Using this information, output simulations
of the following key parameters can be generated to a tolerance of 20% (in most cases).
• Common-mode rejection ratio
• Maximum positive output voltage swing
• Phase margin
• Maximum negative output voltage swing
• DC output resistance
• Slew rate
• AC output resistance
• Quiescent power dissipation
• Short-circuit output current limit
• Input bias current
• Open-loop voltage amplification
• Unity-gain frequency
NOTE 3: G.R. Boyle, B. M. Cohn, D. O. Pederson, and J. E. Solomon, "Macromodeling of Integrated Circuit Operational Amplifiers," IEEE Journal of Solid-State
Circuits, SC-9, 353 (1974).
Figure 33. Boyle Macromodel and Subcircuit
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TLV4110-EP, TLV4111-EP TLV4112-EP, TLV4113-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com