Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4113MDGQREP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4113MDGQREP
Description  HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4113MDGQREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV4113MDGQREP Datasheet HTML 5Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 6Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 7Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 8Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 9Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 10Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 11Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 12Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
IOH − High-Level Output Current − mA
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
0
50
100
150
200
250
300
G004
VDD = 3 V
TA = 705C
TA = 255C
TA = 05C
TA = −405C
TA = 1255C
IOL − Low-Level Output Current − mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
50
100
150
200
250
300
G005
VDD = 3 V
TA = 705C
TA = 255C
TA = −405C
TA = 05C
TA = 1255C
IOH − High-Level Output Current − mA
4.0
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
0
50
100
150
200
250
300
G006
VDD = 5 V
TA = 705C
TA = 255C
TA = 05C
TA = −405C
TA = 1255C
f − Frequency − Hz
100
1k
10k
10M
100k
1M
G008
0.1
1
100
10
VDD = 3 V and 5 V
TA = 25°C
A = 100
A = 10
A = 1
VDD − Supply Voltage − V
0
200
400
600
800
1000
1200
0
1
2
3
4
5
6
G009
AV = 1
VI = VDD/2 V
TA = 705C
TA = 255C
TA = 1255C
TA = −405C
TA = 05C
IOL − Low-Level Output Current − mA
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
50
100
150
200
250
300
G007
VDD = 5 V
TA = 705C
TA = 255C
TA = 1255C
TA = −405C
TA = 05C
−40
−20
0
20
40
60
80
100
120
f − Frequency − Hz
100
1k
10k
10M
100k
1M
G011
VDD = 3 V and 5 V
RF = 100 kΩ
CL = 10 pF
TA = 25°C
135
90
45
0
−45
Phase
Gain
0
10
20
30
40
50
60
70
80
90
100
f − Frequency − Hz
100
1k
10k
10M
100k
1M
G010
VDD = 3 V and 5 V
RF = 1 kΩ
RI = 100 Ω
VI = 0 V
TA = 25°C
VDD − Supply Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
G012
RL = 100 Ω
CL = 10 pF
f = 1 kHz
TA = 25°C
AV = Open Loop
TLV4110-EP, TLV4111-EP
TLV4112-EP, TLV4113-EP
www.ti.com............................................................................................................................................................... SGLS314D – JUNE 2006 – REVISED MAY 2008
HIGH-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
vs
vs
vs
HIGH-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
HIGH-LEVEL OUTPUT CURRENT
Figure 5.
Figure 6.
Figure 7.
LOW-LEVEL OUTPUT VOLTAGE
OUTPUT IMPEDANCE
SUPPLY CURRENT
vs
vs
vs
LOW-LEVEL OUTPUT CURRENT
FREQUENCY
SUPPLY VOLTAGE
Figure 8.
Figure 9.
Figure 10.
POWER-SUPPLY REJECTION
DIFFERENTIAL VOLTAGE
RATIO
AMPLIFICATION AND PHASE
GAIN-BANDWIDTH PRODUCT
vs
vs
vs
FREQUENCY
FREQUENCY
SUPPLY VOLTAGE
Figure 11.
Figure 12.
Figure 13.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLV4110-EP, TLV4111-EP TLV4112-EP, TLV4113-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com