Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4113MDGQREP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4113MDGQREP
Description  HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4113MDGQREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV4113MDGQREP Datasheet HTML 6Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 7Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 8Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 9Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 10Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 11Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 12Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 13Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
f − Frequency − Hz
10
VDD = 5 V
RL = 100 Ω
VO(PP) = VDD/2
AV = 1, 10, and 100
100
1k
100k
0.01
0.1
1
10
10k
A = 100
A = 10
A = 1
G015
VDD − Supply Voltage − V
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
G013
RL = 100 Ω
CL = 10 pF
AV = 1
SR+
SR−
TA − Free-Air Temperature − °C
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
−40 −25 −10
5
20
35
50
65
80
95 110 125
G014
SR+
SR−
VDD = 3 V and 5 V
RL = 100 Ω
CL = 10 pF
AV = 1
0
20
40
60
80
100
120
140
160
f − Frequency − Hz
10
100
1k
100k
10k
VDD = 5 V
G016
VDD = 3 V
0
10
20
30
40
50
60
70
80
90
100
Capacitive Load − pF
VDD = 3 V and 5 V
TA = 25°C
10
100
1k
100k
10k
RL = 100
G017
RL = 600
RNULL = 20
RNULL = 20
RNULL = 0
RNULL = 0
t − Time −
µs
−2
0
2
4
6
8
10
12
14
G018
0
1
2
3
4
0
1
2
3
4
5
VI
VO
VDD = 5 V
RL = 100 Ω
CL = 10 pF
TA = 25°C
AV = 1
t − Time −
µs
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
G019
2.40
2.45
2.50
2.55
2.45
2.50
2.55
2.60
VI
VO
VDD = 5 V
RL = 100 Ω
CL = 10 pF
TA = 25°C
VI = 100 mV
AV = 1
t − Time −
µs
−1
0
1
2
3
4
5
6
7
8
G020
0
1
2
3
4
−2
−1
0
1
2
3
VI
VO
VDD = 5 V
RL = 100 Ω
CL = 50 pF
TA = 25°C
VI = 2.5 V
AV = −1
5
t − Time −
µs
−0.2
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
G021
2.42
2.50
2.54
2.42
2.46
2.50
2.54
2.58
VI
VO
VDD = 5 V
RL = 100 Ω
CL = 50 pF
TA = 25°C
VI = 2.5 V
AV = −1
2.46
TLV4110-EP, TLV4111-EP
TLV4112-EP, TLV4113-EP
SGLS314D – JUNE 2006 – REVISED MAY 2008............................................................................................................................................................... www.ti.com
TOTAL HARMONIC
SLEW RATE
SLEW RATE
DISTORTION+NOISE
vs
vs
vs
SUPPLY VOLTAGE
TEMPERATURE
FREQUENCY
Figure 14.
Figure 15.
Figure 16.
EQUIVALENT INPUT VOLTAGE
NOISE
PHASE MARGIN
vs
vs
VOLTAGE-FOLLOWER
FREQUENCY
CAPACITIVE LOAD
LARGE-SIGNAL PULSE RESPONSE
Figure 17.
Figure 18.
Figure 19.
VOLTAGE-FOLLOWER
INVERTING LARGE-SIGNAL
SMALL-SIGNAL INVERTING
SMALL-SIGNAL PULSE RESPONSE
PULSE RESPONSE
PULSE RESPONSE
Figure 20.
Figure 21.
Figure 22.
10
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TLV4110-EP, TLV4111-EP TLV4112-EP, TLV4113-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com