Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4113MDGQREP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4113MDGQREP
Description  HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4113MDGQREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV4113MDGQREP Datasheet HTML 10Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 11Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 12Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 13Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 14Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 15Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 16Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 17Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
GENERAL PowerPAD DESIGN CONSIDERATIONS
DIE
SideView(a)
EndView(b)
BottomView(c)
DIE
Thermal
Pad
M0031-01
TLV4110-EP, TLV4111-EP
TLV4112-EP, TLV4113-EP
SGLS314D – JUNE 2006 – REVISED MAY 2008............................................................................................................................................................... www.ti.com
Note that, with an operational amplifier, a duty cycle of 70% often results in the op-amp sourcing current 70% of
the time and sinking current 30%; therefore, the equivalent dc current is still 0.84 times the continuous current
rating at a particular junction temperature.
The TLV411x is available in a thermally-enhanced PowerPAD family of packages. These packages are
constructed using a downset lead frame upon which the die is mounted [see Figure 30(a) and Figure 30(b)]. This
arrangement results in the lead frame being exposed as a thermal pad on the underside of the package [see
Figure 30(c)]. Because this thermal pad has direct thermal contact with the die, excellent thermal performance
can be achieved by providing a good thermal path away from the thermal pad.
The PowerPAD package allows for both assembly and thermal management in one manufacturing operation.
During the surface-mount solder operation (when the leads are being soldered), the thermal pad can also be
soldered to a copper area underneath the package. Through the use of thermal paths within this copper area,
heat can be conducted away from the package into either a ground plane or other heat-dissipating device.
The PowerPAD package represents a breakthrough in combining the small area and ease of assembly of
surface mount with the previously awkward mechanical methods of heat sinking.
Figure 30. Views of Thermally Enhanced DGN Package
14
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TLV4110-EP, TLV4111-EP TLV4112-EP, TLV4113-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com