Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4113MDGQREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4113MDGQREP
Description  HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4113MDGQREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV4113MDGQREP Datasheet HTML 7Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 8Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 9Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 10Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 11Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 12Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 13Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 14Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
VDD = 3 V and 5 V
RL = 100 Ω
All Channels
10
100
1k
100k
10k
G022
VI = 4 VPP
VI = 2 VPP
−160
−140
−120
−100
−80
−60
−40
−20
0
f − Frequency − Hz
VDD = 3 V and 5 V
RL = 100 Ω
CL = 50 pF
TA = 25°C
AV = 1
10
100
1k
10M
10k
G023
VI = 0.1 VPP
VI = 2.5 VPP
100k
1M
TA − Free-Air Temperature − °C
−2
0
2
4
6
8
10
12
14
16
−40 −25 −10
5
20
35
50
65
80
95 110 125
G024
VDD = 3 V and 5 V
VI = VDD/2
No Load
t − Time −
µs
G025
−20
0
120
20
40
60
80
100
−2
4
3
2
1
0
2
1.5
0
2
4
6
0
0.5
1
VDD = 3 V
RL = 100 Ω
CL = 10 pF
TA = 25°C
VI = VDD/2
AV = 1
IDD(SD)
VO
SD
TLV4110-EP, TLV4111-EP
TLV4112-EP, TLV4113-EP
www.ti.com............................................................................................................................................................... SGLS314D – JUNE 2006 – REVISED MAY 2008
CROSSTALK
SHUTDOWN SUPPLY CURRENT
vs
SHUTDOWN FORWARD AND
vs
FREQUENCY
REVERSE ISOLATION
FREE-AIR TEMPERATURE
Figure 23.
Figure 24.
Figure 25.
SHUTDOWN SUPPLY CURRENT / OUTPUT VOLTAGE
Figure 26.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLV4110-EP, TLV4111-EP TLV4112-EP, TLV4113-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com