Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4113MDGQREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4113MDGQREP
Description  HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4113MDGQREP Datasheet(HTML) 3 Page - Texas Instruments

  TLV4113MDGQREP Datasheet HTML 1Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 2Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 3Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 4Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 5Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 6Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 7Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 8Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TLV411X PACKAGE PINOUTS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN −
1IN+
GND
NC
1SHDN
NC
VDD
2OUT
2IN −
2IN+
NC
2SHDN
NC
(TOP VIEW)
1
2
3
4
8
7
6
5
NC
IN −
IN +
GND
SHDN
VDD
OUT
NC
TLV4110
D OR DGN PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
GND
VDD
2OUT
2IN −
2IN+
TLV4112
D OR DGN PACKAGE
(TOP VIEW)
TLV4113
D OR DGN PACKAGE
NC − No internal connection
1
2
3
4
5
10
9
8
7
6
1OUT
1IN −
1IN+
GND
1SHDN
VDD+
2OUT
2IN −
2IN+
2SHDN
TLV4113
DGQ PACKAGE
(TOP VIEW)
8
7
6
5
NC
IN −
IN +
GND
NC
VDD
OUT
NC
TLV4111
D OR DGN PACKAGE
(TOP VIEW)
P0029-02
1
2
3
4
ABSOLUTE MAXIMUM RATINGS
TLV4110-EP, TLV4111-EP
TLV4112-EP, TLV4113-EP
www.ti.com............................................................................................................................................................... SGLS314D – JUNE 2006 – REVISED MAY 2008
over operating free-air temperature range (unless otherwise noted)
(1)
VDD
Supply voltage(2)
7 V
VID
Differential input voltage
±VDD
VI
Input voltage range
±VDD
IO
Output current(3)
800 mA
TJ ≤ 105°C
350 mA
IO
Continuous RMS output current (each output of amplifier)
TJ ≤ 150°C
110 mA
TJ ≤ 105°C
500 mA
Peak output current (each output of
IO
amplifier
TJ ≤ 150°C
155 mA
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–55
°C to 125°C
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to GND.
(3)
To prevent permanent damage, the die temperature must not exceed the maximum junction temperature.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLV4110-EP, TLV4111-EP TLV4112-EP, TLV4113-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com