Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4113MDGQREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4113MDGQREP
Description  HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4113MDGQREP Datasheet(HTML) 4 Page - Texas Instruments

  TLV4113MDGQREP Datasheet HTML 1Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 2Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 3Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 4Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 5Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 6Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 7Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 8Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
1
10
100
120
125
130
135
140
145
150
155
160
Continous TJ − 5C
DISSIPATION RATING TABLE
TLV4110-EP, TLV4111-EP
TLV4112-EP, TLV4113-EP
SGLS314D – JUNE 2006 – REVISED MAY 2008............................................................................................................................................................... www.ti.com
Figure 1. TLV4113MDGQ Wirebond Life
θ
JC
θ
JA
TA ≤ 25°C
TA = 25°C
PACKAGE
(
°C/W)
(
°C/W)
POWER RATING
POWER RATING
D (8)
38.3
176
710 mW
142 mW
D (14)
26.9
122.3
1022 mW
204.4 mW
DGN (8)(1)
4.7
52.7
2.37 W
474.4 mW
DGQ (10)(1)
4.7
52.3
2.39 W
478 mW
(1)
See the Texas Instruments document, PowerPAD Thermally Enhanced Package Application Report (SLMA002), for more information on
the PowerPAD package. The thermal data was measured on a PCB layout, based on information in the section entitled Texas
Instruments Recommended Board for PowerPAD, on page 33 of SLMA002.
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TLV4110-EP, TLV4111-EP TLV4112-EP, TLV4113-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com