Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4113MDGQREP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4113MDGQREP
Description  HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4113MDGQREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV4113MDGQREP Datasheet HTML 8Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 9Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 10Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 11Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 12Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 13Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 14Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 15Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
APPLICATION INFORMATION
SHUTDOWN FUNCTION
DRIVING A CAPACITIVE LOAD
CLOAD
RF
Input
Output
RG
RNULL
+
−
RL
CL
RF
Input
Output
RG
RNULL
+
−
RL
Snubber
C
(a)
(b)
S0048-03
OFFSET VOLTAGE
V
OO +
V
IO
1 )
R
F
R
G
" IIB) RS 1 )
R
F
R
G
" IIB* RF
+
−
VI
+
RG
RS
RF
IIB−
VO
IIB+
S0094-01
TLV4110-EP, TLV4111-EP
TLV4112-EP, TLV4113-EP
SGLS314D – JUNE 2006 – REVISED MAY 2008............................................................................................................................................................... www.ti.com
Two members of the TLV411x family (TLV4110/3) have a shutdown terminal for conserving battery life in
portable applications. When the shutdown terminal is tied low, the supply current is reduced to just nano amps
per channel, the amplifier is disabled, and the outputs are placed in a high-impedance mode. In order to save
power in shutdown mode, an external pullup resistor is required; therefore, to enable the amplifier, the shutdown
terminal must be pulled high. When the shutdown terminal is left floating, care should be taken to ensure that
parasitic leakage current at the shutdown terminal does not inadvertently place the operational amplifier into
shutdown.
When the amplifier is configured in this manner, capacitive loading directly on the output decreases the device's
phase margin, leading to high-frequency ringing or oscillations. Therefore, for capacitive loads of greater than
1 nF, it is recommended that a resistor be placed in series ®NULL) with the output of the amplifier, as shown in
Figure 27. A maximum value of 20
Ω is recommended for most applications.
Figure 27. Driving a Capacitive Load
The output offset voltage, (VOO) is the sum of the input offset voltage (VIO) and both input bias currents (IIB) times
the corresponding gains. The following schematic and formula can be used to calculate the output offset voltage.
Figure 28. Output Offset Voltage Model
12
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TLV4110-EP, TLV4111-EP TLV4112-EP, TLV4113-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com