Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4113MDGQREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4113MDGQREP
Description  HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4113MDGQREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV4113MDGQREP Datasheet HTML 9Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 10Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 11Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 12Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 13Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 14Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 15Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 16Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
_
+
Rnull
RL
CL
S0095-01
GENERAL POWER DESIGN CONSIDERATIONS
I
DC(EQ) +
I
Cont
(duty cycle)
(1)
TLV4110-EP, TLV4111-EP
TLV4112-EP, TLV4113-EP
www.ti.com............................................................................................................................................................... SGLS314D – JUNE 2006 – REVISED MAY 2008
Figure 29.
When driving heavy loads at high junction temperatures there is an increased probability of electromigration
affecting the long-term reliability of ICs. Therefore, to avoid this issue:
• The output current must be limited (at these high-junction temperatures).
OR
• The junction temperature must be limited.
The maximum continuous output current at a die temperature 150
°C will be 1/3 of the current at 105°C.
The junction temperature will be dependent on the ambient temperature around the IC, thermal impedance from
the die to the ambient and power dissipated within the IC.
TJ = TA + θJA × PDIS
Where:
PDIS is the IC power dissipation and is equal to the output current multiplied by the voltage dropped across
the output of the IC.
θ
JA is the thermal impedance between the junction and the ambient temperature of the IC.
TJ is the junction temperature.
TA is the ambient temperature.
Reducing one or more of these factors results in a reduced die temperature. The 8-pin SOIC (small outline
integrated circuit) has a thermal impedance from junction to ambient of 176
°C/W. For this reason it is
recommended that the maximum power dissipation of the 8-pin SOIC package be limited to 350 mW, with peak
dissipation of 700 mW as long as the RMS value is less than 350 mW.
The use of the MSOP PowerPAD™ dramatically reduces the thermal impedance from junction to case. And, with
correct mounting, the reduced thermal impedance greatly increases the IC's permissible power dissipation and
output current handling capability. For example, the power dissipation of the PowerPAD™ is increased to above
1 W. Sinusoidal and pulse-width modulated output signals also increase the output current capability. The
equivalent dc current is proportional to the square-root of the duty cycle:
CURRENT DUTY CYCLE
EQUIVALENT DC CURRENT
AT PEAK RATED CURRENT
AS A PERCENTAGE OF PEAK
100
100
70
84
50
71
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLV4110-EP, TLV4111-EP TLV4112-EP, TLV4113-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com