Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV4113MDGQREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4113MDGQREP
Description  HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4113MDGQREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV4113MDGQREP Datasheet HTML 2Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 3Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 4Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 5Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 6Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 7Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 8Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 9Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ELECTRICAL CHARACTERISTICS (continued)
TLV4110-EP, TLV4111-EP
TLV4112-EP, TLV4113-EP
SGLS314D – JUNE 2006 – REVISED MAY 2008............................................................................................................................................................... www.ti.com
at specified free-air temperature, VDD = 3 V and 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
OUTPUT CHARACTERISTICS
25
°C
2.7
2.97
IOH = –10 mA
Full range
2.6
VDD = 3 V,
V
VIC = VDD/2
25
°C
2.6
2.73
IOH = –100 mA
Full range
2.5
VOH
High-level output voltage
25
°C
4.7
4.96
IOH = –10 mA
Full range
4.6
VDD = 5 V,
V
VIC = VDD/2
25
°C
4.6
4.76
IOH = –100 mA
Full range
4.5
25
°C
0.03
0.1
IOL = 10 mA
Full range
0.2
VDD = 3 V and 5 V,
VOL
Low-level output voltage
V
VIC = VDD/2
25
°C
0.33
0.4
IOL = 100 mA
Full range
0.55
VDD = 3 V
±220
Measured at 0.5 V
IO
Output current
25
°C
mA
from rail
VDD = 5 V
±320
Sourcing
800
IOS
Short-circuit output current
25
°C
mA
Sinking
800
POWER SUPPLY
25
°C
700
1000
IDD
Supply current (per channel)
VO = VDD/2
µA
Full range
1500
25
°C
69
82
VDD = 2.7 to 3.3 V, No load
dB
VIC = VDD/2 V
Full range
65
Power supply rejection ratio
PSRR
(
ΔVDD / ΔVIO)
25
°C
69
79
VDD = 4.5 to 5.5 V, No load
dB
VIC = VDD/2 V
Full range
65
(1)
Full range is –55
°C to 125°C.
6
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TLV4110-EP, TLV4111-EP TLV4112-EP, TLV4113-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com