Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS70751MPWPREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70751MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70751MPWPREP Datasheet(HTML) 2 Page - Texas Instruments

  TPS70751MPWPREP Datasheet HTML 1Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 2Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 3Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 4Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 5Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 6Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 7Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 8Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
www.ti.com
1.8V
V
IN1
V
IN2
EN
SEQ
V
OUT1
V
SENSE1
PG1
MR2
RESET
MR1
V
SENSE2
V
OUT2
TPS70751PWP
5V
3.3V
I/O
MR1
Core
0.1
F
m
RESET
10
F
m
10
F
m
0.1
F
m
DSP
MR2
PG1
EN
250kW
>2V
<0.7V
250kW
>2V
<0.7V
>2V
<0.7V
TPS70751-EP
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR
WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
SLVS718 – DECEMBER 2006
The device is enabled when the enable (EN) pin is connected to a low-level input voltage. The output voltages of
the two regulators are sensed at the V
SENSE1 and VSENSE2 pins, respectively.
The input signal at the sequence (SEQ) pin controls the power-up sequence of the two regulators. When the
device is enabled and SEQ is pulled high or left open, V
OUT2 turns on first and VOUT1 remains off until VOUT2
reaches approximately 83% of its regulated output voltage. At that time, V
OUT1 is turned on. If VOUT2 is pulled
below 83% (i.e., overload condition), V
OUT1 is turned off. Pulling SEQ low reverses the power-up order and VOUT1
is turned on first. SEQ is connected to an internal pullup current source.
For each regulator, there is an internal discharge transistor to discharge the output capacitor when the regulator
is turned off (disabled).
The power good (PG1) pin reports the voltage conditions at V
OUT1. Power good can be used to implement a
SVS for the circuitry supplied by regulator 1.
The TPS70751 features a RESET (SVS, POR, or power-on reset). The RESET output initiates a reset in DSP
systems and related digital applications in the event of an undervoltage condition. RESET indicates the status of
V
OUT2 and both manual reset (MR1 and MR2) pins. When VOUT2 reaches 95% of its regulated voltage and MR1
and MR2 are in the logic high state, RESET goes to a high-impedance state after a 120-ms delay. RESET goes
to logic low state when V
OUT2 regulated output voltage is pulled below 95% (i.e., overload condition) of its
regulated voltage. To monitor V
OUT1, the PG1 output can be connected to MR1 or MR2.
The device has an undervoltage lockout (UVLO) circuit that prevents the internal regulators from turning on until
V
IN1 reaches 2.5 V.
AVAILABLE OPTIONS
REGULATOR 1
REGULATOR 2
TSSOP
TJ
VO (V)
VO (V)
(PWP)
–55
°C to 125°C
3.3 V
1.8 V
TPS70751MPWPREP
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com