Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS70751MPWPREP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70751MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70751MPWPREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS70751MPWPREP Datasheet HTML 4Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 5Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 6Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 7Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 8Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 9Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 10Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 11Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
www.ti.com
Line regulation (mV)
+ (% V)
V
O(VI(max) * 2.7 V)
100
1000
Line regulation (mV)
+ (% V)
V
O[VI(max) * (VO ) 1)]
100
1000
Electrical Characteristics
TPS70751-EP
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR
WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
SLVS718 – DECEMBER 2006
over recommended operating junction temperature (T
J = –55°C to 125°C), VIN1 or VIN2 = VO(nom) + 1 V, IO = 1 mA, EN = 0,
C
O = 33 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference
2.7 V < VI < 6 V, FB connected to VO,
1.22
voltage
TJ = 25°C
2.8 V < VI < 6 V, TJ = 25°C
1.8
1.8-V output
VO
Output voltage(1)(2)
V
2.8 V < VI < 6 V
1.764
1.836
4.3 V < VI < 6 V, TJ = 25°C
3.3
3.3-V output
4.3 V < VI < 6 V
3.234
3.366
TJ = 25°C
190
Quiescent current (GND current) for regulator 1 and
µA
regulator 2, EN = 0 V(1)(2)
230
VO + 1 V < VI ≤ 6 V, TJ = 25°C
0.01%
Output voltage line regulation (
∆V
O/VO) for regulator
V
1 and regulator 2(3)(2)
VO + 1 V < VI ≤ 6 V
0.1%
Load regulation for VOUT1 and VOUT2(1)
TJ = 25°C
1
mV
Regulator 1
65
BW = 300 Hz to 50 kHz,
Vn
Output noise voltage
µVrms
CO = 33 µF, TJ = 25°C
Regulator 2
65
Regulator 1
1.6
2.1
Output current limit
VO = 0 V
A
Regulator 2
0.750
1.1
Thermal shutdown junction temperature
150
°C
EN = VI, TJ = 25°C
2
Regulator 1 and
II(standby)
Standby current
µA
Regulator 2
EN = VI
6
PSRR
Power-supply ripple rejection
f = 1 kHz, CO = 33 µF, TJ = 25°C
60
dB
(1)
IO = 1 mA to 250 mA for regulator 1 and 1 mA to 125 mA for regulator 2
(2)
Minimum input operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum input voltage = 6 V, minimum output current
1 mA.
(3)
If VO < 1.8 V, then VI(max) = 6 V, VI(min) = 2.7 V:
If VO > 2.5 V, then VI(max) = 6 V, VI(min) = Vo + 1 V:
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com