Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS70751MPWPREP Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70751MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70751MPWPREP Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPS70751MPWPREP Datasheet HTML 27Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 28Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 29Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 30Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 31Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 32Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 33Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 34Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
www.ti.com
Input Capacitor
Output Capacitor
ESR and Transient Response
R
ESR
L
ESL
C
TPS70751-EP
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR
WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
SLVS718 – DECEMBER 2006
APPLICATION INFORMATION (continued)
For a typical application, an input bypass capacitor (0.1
µF through 1 µF) is recommended. This capacitor filters
any high-frequency noise generated in the line. For fast transient condition where droop at the input of the LDO
may occur due to high inrush current, it is recommended to place a larger capacitor at the input as well. The size
of this capacitor is dependant on the output current and response time of the main power supply, as well as the
distance to the VI pins of the LDO.
As with most LDO regulators, the TPS70751 requires an output capacitor connected between OUT and GND to
stabilize the internal control loop. The minimum recommended capacitance values are 10-
µF ceramic capacitors
with an equivalent series resistance (ESR) between 50 m
Ω and 2.5 Ω, or 6.8-µF tantalum capacitors with ESR
between 250 m
Ω and 4 Ω. Solid tantalum electrolytic, aluminum electrolytic, and multilayer ceramic capacitors
with capacitance values greater than 10
µF are all suitable, provided they meet the requirements previously
described. Larger capacitors provide a wider range of stability and better load transient response. The following
is a partial listing of surface-mount capacitors usable with the TPS70751 for fast transient response application.
This information, along with the ESR graphs, is included to assist in selection of suitable capacitance for the
user's application. When it is necessary to achieve low height requirements along with high output current and/or
high load capacitance, several higher ESR capacitors can be used in parallel to meet the previous guidelines.
VALUE
MFR.
MAX ESR
PART NO.
22
µF
Kemet
345 m
Ω
7495C226K0010AS
33
µF
Sanyo
100 m
Ω
10TPA33M
47
µF
Sanyo
100 m
Ω
6TPA47M
68
µF
Sanyo
45 m
Ω
10TPC68M
LDOs typically require an external output capacitor for stability. In fast transient response applications,
capacitors are used to support the load current the while the LDO amplifier is responding. In most applications,
one capacitor is used to support both functions.
Besides its capacitance, every capacitor also contains parasitic impedances. These parasitic impedances are
resistive as well as inductive. The resistive impedance is called ESR, and the inductive impedance is called
equivalent series inductance (ESL). The equivalent schematic diagram of any capacitor can, therefore, be drawn
as shown in Figure 40.
Figure 40. ESR and ESL
In most cases one can neglect the effect of inductive impedance ESL. Therefore, the following application
focuses mainly on the parasitic resistance ESR.
31
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com