Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS70751MPWPREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70751MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70751MPWPREP Datasheet(HTML) 1 Page - Texas Instruments

  TPS70751MPWPREP Datasheet HTML 1Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 2Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 3Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 4Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 5Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 6Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 7Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 8Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PWP PACKAGE
(TOP VIEW)
NC
V
IN1
V
IN1
MR1
MR2
EN
SEQ
GND
V
IN2
V
IN2
NC
V
OUT1
V
OUT1
V
/FB1
SENSE1
PG1
RESET
V
/FB2
SENSE2
V
OUT2
V
OUT2
NC
DESCRIPTION
TPS70751-EP
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR
WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
SLVS718 – DECEMBER 2006
• Controlled Baseline
• Ultralow 190-µA (Typ) Quiescent Current
–
One Assembly/Test Site, One Fabrication
• 1-µA Input Current During Standby
Site
• Low Noise: 65 µVrms Without Bypass
• Enhanced Diminishing Manufacturing Sources
Capacitor
(DMS) Support
• Quick Output Capacitor Discharge Feature
• Enhanced Product-Change Notification
• Two Manual Reset Inputs
• Qualification Pedigree (1)
• 2% Accuracy Over Load and Temperature
• Dual Output Voltages for Split-Supply
• Undervoltage Lockout (UVLO) Feature
Applications
• 20-Pin PowerPAD™ Thin Shrink Small-Outline
• Selectable Power-Up Sequencing for DSP
Package (TSSOP)
Applications (See Part Number TPS708xx for
• Thermal Shutdown Protection
Independently Enabled Outputs)
• Output Current Range of 250 mA on
Regulator 1 and 125 mA on Regulator 2
• Fast Transient Response
• 3.3-V/1.8-V Fixed Voltage Outputs
• Open-Drain Power-On Reset With 120-ms
Delay
• Open-Drain Power Good for Regulator 1
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
xxxxx
performance and environmental limits.
The TPS707xx family devices are designed to provide a complete power-management solution for TI DSP,
processor power, ASIC, FPGA, and digital applications where dual-output voltage regulators are required. Easy
programmability of the sequencing function makes this family ideal for any TI DSP applications with
power-sequencing requirements. Differentiated features, such as accuracy, fast transient response, SVS
supervisory circuit (power-on reset), manual reset inputs, and enable function, provide a complete system
solution.
The TPS707xx family of voltage regulators offer very low dropout (LDO) voltage and dual outputs with power-up
sequence control, which is designed primarily for DSP applications. These devices have extremely low noise
output performance without using any added filter bypass capacitors, and are designed to have a fast transient
response and be stable with 10-
µF low ESR capacitors.
The TPS70751 has a fixed voltage of 3.3 V/1.8 V. Regulator 1 can support up to 250 mA and regulator 2 can
support up to 125 mA. Separate voltage inputs allow the designer to configure the source power.
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 83 mV on
regulator 1) and is directly proportional to the output current. Additionally, since the PMOS pass element is a
voltage-driven device, the quiescent current is very low and independent of output loading (maximum of 230
µA
over the full range of output current). This LDO family also features a sleep mode; applying a high signal to EN
(enable) shuts down both regulators, reducing the input current to 1
µA at T
J = 25°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS70751MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70751 TI-TPS70751 Datasheet
505Kb / 34P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70751 TI1-TPS70751 Datasheet
892Kb / 40P
Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751-EP TI1-TPS70751-EP Datasheet
892Kb / 40P
Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751-EP TI-TPS70751-EP_15 Datasheet
889Kb / 42P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
TPS70751PWP TI-TPS70751PWP Datasheet
505Kb / 34P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
More results

Similar Description - TPS70751MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70175-Q1 TI1-TPS70175-Q1 Datasheet
492Kb / 31P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145_15 Datasheet
1Mb / 42P
Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751-EP TI-TPS70751-EP_15 Datasheet
889Kb / 42P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70745 TI1-TPS70745_16 Datasheet
892Kb / 40P
Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com