Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS70751MPWPREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70751MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70751MPWPREP Datasheet(HTML) 3 Page - Texas Instruments

  TPS70751MPWPREP Datasheet HTML 1Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 2Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 3Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 4Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 5Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 6Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 7Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 8Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
www.ti.com
UVLO
Thermal
Shutdown
Shutdown
2.5V
+
-
Current
Sense
Reference
V
ref
V
ref
ENA_1
10kW
RisingEdge
Deglitch
0.95
V
´ ref
FB2
FallingEdge
Delay
V
IN1
0.95
V
´ ref
FB1
RisingEdge
Deglitch
FallingEdge
Deglitch
FB2
UVComp
FallingEdge
Deglitch
FB1
UVComp
Power
Sequence
Logic
Shutdown
ENA_1
ENA_2
V
IN1
Current
Sense
+
-
10kW
ENA_2
ENA_2
FB2
V
ref
V
(2Pins)
IN1
GND
EN
SEQ
(seeNoteB)
V
(2Pins)
IN2
V
(2Pins)
OUT1
V
SENSE1
(seeNote A)
PG1
MR2
RESET
MR1
V
SENSE2
(seeNote A)
V
(2Pins)
OUT2
FB1
V
IN1
ENA_1
0.83
V
´ ref
0.83
V
´ ref
NOTES: A. Formostapplications,VSENSE1 andVSENSE2 shouldbeexternallyconnectedtoVOUT ascloseaspossibletothedevice.
Forotherimplementations,refertotheSENSEterminalconnectiondiscussioninthe ApplicationInformationsection.
B. IftheSEQterminalisfloatingattheinput,VOUT2 powersupfirst.
TPS70751-EP
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR
WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
SLVS718 – DECEMBER 2006
DETAILED BLOCK DIAGRAM – FIXED-VOLTAGE VERSION
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com