Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS70751MPWPREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70751MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70751MPWPREP Datasheet(HTML) 5 Page - Texas Instruments

  TPS70751MPWPREP Datasheet HTML 1Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 2Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 3Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 4Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 5Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 6Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 7Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 8Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
www.ti.com
DETAILED DESCRIPTION
Pin Functions
TPS70751-EP
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR
WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
SLVS718 – DECEMBER 2006
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN
6
I
Active-low enable
GND
8
Ground
MR1
4
I
Manual reset 1. Active low, pulled up internally.
MR2
5
I
Manual reset 2. Active low, pulled up internally.
NC
1, 11, 20
No connection
Power good. Open-drain output, low when VOUT1 voltage is less than 95% of the nominal
PG1
16
O
regulated voltage.
RESET
15
O
Reset. Open-drain output, SVS (power-on reset) signal, active low.
Power up sequence control: SEQ = High, VOUT2 powers up first; SEQ = Low, VOUT1 powers
SEQ
7
I
up first, SEQ terminal pulled up internally.
VIN1
2, 3
I
Regulator 1 input voltage
VIN2
9, 10
I
Regulator 2 input voltage
VOUT1
18, 19
O
Regulator 1 output voltage
VOUT2
12, 13
O
Regulator 2 output voltage
VSENSE1/FB1
17
I
Regulator 1 output voltage sense/feedback 1
VSENSE2/FB2
14
I
Regulator 2 output voltage sense/feedback 2
The TPS707xx low-dropout regulator family provides dual regulated output voltages for DSP applications that
require a high-performance power-management solution. These devices provide fast transient response and
high accuracy with small output capacitors, while drawing low quiescent current. Programmable sequencing
provides a power solution for DSPs, without any external component requirements. This reduces the component
cost and board space while increasing total system reliability. The TPS707xx family has an enable feature that
puts the device in sleep mode, reducing the input currents to less than 3
µA. Other features are integrated SVS
(power-on reset, RESET) and power good (PG1) that monitor output voltages and provide logic output to the
system. These differentiated features provide a complete DSP power solution.
The TPS70751, unlike many other LDOs, features very low quiescent current that remains virtually constant
even with varying loads. Conventional LDO regulators use a PNP pass element, the base current of which is
directly proportional to the load current through the regulator (IB = IC/β). The TPS70751 uses a PMOS transistor
to pass current; because the gate of the PMOS is voltage driven, operating current is low and stable over the full
load range.
Enable (EN)
The EN terminal is an input that enables or shuts down the device. If EN is at a voltage high signal, the device is
in shutdown mode. When EN goes to voltage low, the device is enabled.
Sequence (SEQ)
The SEQ terminal is an input that programs which output voltage (VOUT1 or VOUT2) is turned on first. When the
device is enabled and the SEQ terminal is pulled high or left open, VOUT2 turns on first and VOUT1 remains off
until VOUT2 reaches approximately 83% of its regulated output voltage. At that time, the VOUT1 is turned on. If
VOUT2 is pulled below 83% (i.e., overload condition), VOUT1 is turned off. This terminal has a 6-µA pullup current
to VIN1.
Pulling SEQ low reverses the power-up order and VOUT1 is turned on first. For detailed timing diagrams, see
Figure 33 and Figure 38.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com