Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS70751MPWPREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70751MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70751MPWPREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS70751MPWPREP Datasheet HTML 2Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 3Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 4Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 5Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 6Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 7Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 8Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 9Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
www.ti.com
TPS70751-EP
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR
WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
SLVS718 – DECEMBER 2006
Power Good (PG1)
The PG1 terminal is an open-drain, active-high output terminal that indicates the status of the VOUT1 regulator.
When the VOUT1 reaches 95% of its regulated voltage, PG1 goes into a high-impedance state. PG1 goes into a
low-impedance state when VOUT1 is pulled below 95% (i.e., overload condition), of its regulated voltage. The
open-drain output of the PG1 terminal requires a pullup resistor.
Manual Reset (MR1 and MR2)
MR1 and MR2 are active-low input terminals used to trigger a reset condition. When either MR1 or MR2 is
pulled to logic low, a POR (RESET) occurs. These terminals have a 6-
µA pullup current to V
IN1.
Sense (VSENSE1, VSENSE2)
The sense terminals of fixed-output options must be connected to the regulator output, and the connection
should be as short as possible. Internally, sense connects to high-impedance wide-bandwidth amplifiers through
a resistor-divider network, and noise pickup feeds through to the regulator output. It is essential to route the
sense connection in such a way to minimize/avoid noise pickup. Adding RC networks between the VSENSE
terminals and VOUT terminals to filter noise is not recommended because it can cause the regulators to oscillate.
Feedback (FB1 and FB2)
FB1 and FB2 are input terminals used for adjustable-output devices and must be connected to the external
feedback resistor divider. FB1 and FB2 connections should be as short as possible. It is essential to route them
in such a way as to minimize/avoid noise pickup. Adding RC networks between the FB terminals and VOUT
terminals to filter noise is not recommended because it can cause the regulators to oscillate.
RESET Indicator
The TPS70751 features a RESET (SVS, POR, or power-on reset). RESET can be used to drive power-on reset
circuitry or a low-battery indicator. RESET is an active-low, open-drain output that indicates the status of the
VOUT2 regulator and both manual reset (MR1 and MR2) pins. When VOUT2 exceeds 95% of its regulated voltage,
and MR1 and MR2 are in the high-impedance state, RESET goes to a high-impedance state after a 120-ms
delay. RESET goes to a low-impedance state when VOUT2 is pulled below 95% (i.e., overload condition) of its
regulated voltage. To monitor VOUT1, the PG1 output can be connected to MR1 or MR2. The open-drain output
of RESET requires a pullup resistor. If RESET is not used, it can be left floating.
Input Voltage (VIN1 and VIN2)
VIN1 and VIN2 are inputs to the regulators. Internal bias voltages are powered by VIN1.
Output Voltage (VOUT1 and VOUT2)
VOUT1 and VOUT2 are output terminals.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com