Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS70751MPWPREP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70751MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70751MPWPREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS70751MPWPREP Datasheet HTML 5Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 6Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 7Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 8Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 9Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 10Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 11Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 12Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
www.ti.com
TPS70751-EP
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR
WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
SLVS718 – DECEMBER 2006
Electrical Characteristics (continued)
over recommended operating junction temperature (T
J = –55°C to 125°C), VIN1 or VIN2 = VO(nom) + 1 V, IO = 1 mA, EN = 0,
C
O = 33 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESET
Minimum input voltage for valid RESET
I(RESET) = 300 µA, V(RESET) ≤ 0.8 V
1
1.3
V
Trip threshold voltage
VO decreasing
92%
95%
98%
VO
Hysteresis voltage
Measured at VO
0.5%
VO
t(RESET)
RESET pulse duration
80
120
160
ms
tr(RESET)
Rising-edge deglitch
30
µs
Output low voltage
VI = 3.5 V, I(RESET) = 1 mA
0.15
0.4
V
Leakage current
V(RESET) = 6 V
1
µA
PG1
Minimum input voltage for valid PG1
IO(PG1) = 300 µA, V(PG1) ≤ 0.8 V
1
1.3
V
Trip threshold voltage
VO decreasing
92%
95%
98%
VO
Hysteresis voltage
Measured at VO
0.5%
VO
tf(PG1)
Falling-edge deglitch
30
µs
Output low voltage
VI = 2.7 V, I(PG1) = 1 mA
0.15
0.4
V
Leakage current
V(PG1) = 6 V
1
µA
EN
High-level EN input voltage
2
V
Low-level EN input voltage
0.7
V
Input current (EN)
–1
1
µA
SEQ
High-level SEQ input voltage
2
V
Low-level SEQ input voltage
0.7
V
SEQ pullup current source
6
µA
MR1/MR2
High-level MR1/MR2 input voltage
2
V
Low-level MR1/MR2 input voltage
0.7
V
MR1/MR2 pullup current source
6
µA
VOUT2
VOUT2 UV comparator – positive-going input
83%
80% VO
86% VO
V
threshold voltage of VOUT1 UV comparator
VO
VOUT2 UV comparator – falling-edge deglitch
VSENSE2 decreasing below threshold
140
µs
Peak output current
2-ms pulse width
375
mA
Discharge transistor current
VOUT2 = 1.5 V
7.5
mA
VOUT1
VOUT1 UV comparator – positive-going input
83%
80% VO
86% VO
V
threshold voltage of VOUT1 UV comparator
VO
0.5%
VOUT1 UV comparator – hysteresis
mV
VO
VOUT1 UV comparator – falling-edge deglitch
VSENSE1 decreasing below threshold
140
µs
IO = 250 mA, VIN1 = 3.2 V, TJ = 25°C
83
Dropout voltage(4)
mV
IO = 250 mA, VIN1 = 3.2 V
140
Peak output current
2-ms pulse width
750
mA
Discharge transistor current
VOUT1 = 1.5 V
7.5
mA
UVLO threshold
2.4
2.65
V
(4)
Input voltage (VIN1 or VIN2) = VO(typ) – 100 mV. For 1.8-V regulators, the dropout voltage is limited by the input voltage range. The 3.3-V
regulator input voltage is to 3.2 V to perform this test.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com