Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS70751MPWPREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70751MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70751MPWPREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS70751MPWPREP Datasheet HTML 3Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 4Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 5Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 6Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 7Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 8Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 9Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 10Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Dissipation Ratings
Recommended Operating Conditions
TPS70751-EP
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR
WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
SLVS718 – DECEMBER 2006
over operating junction temperature (unless otherwise noted)
MIN
MAX
UNIT
VIN1
–0.3
7
Input voltage range(2)
V
VIN2
–0.3
7
Voltage range at EN
–0.3
7
V
VOUT1,
5.5
VSENSE1
Output voltage
V
VOUT2,
5.5
VSENSE2
Maximum RESET and PG1 voltage
7
V
Maximum MR1, MR2, and SEQ voltage
VIN1
V
Peak output current
Internally Limited
Continuous total power dissipation
See Dissipation Rating Tables
TJ
Operating virtual junction temperature range
–55
150
°C
Tstg
Storage temperature range
–65
150
°C
ESD rating
Human-Body Model (HBM)
2
kV
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are tied to network ground.
AIR FLOW
DERATING
PACKAGE
TA ≤ 25°C
TA = 70°C
TA = 85°C
(CFM)
FACTOR
0
3.067 W
30.67 mW/
°C
1.687 W
1.227 W
PWP(1)
250
4.115 W
41.15 mW/
°C
2.265 W
4.646 W
(1)
This parameter is measured with the recommended copper heatsink pattern on a four-layer PCB, 1-oz copper on 4-in
× 4-in ground
layer. For more information, refer to TI technical brief SLMA002.
MIN
MAX
UNIT
VI
Input voltage(1)
2.7
6
V
Regulator 1
0
250
IO
Output current
mA
Regulator 2
0
125
TJ
Operating virtual junction temperature
–55
125
°C
(1)
To calculate the minimum input voltage for maximum output current, use VI(min) = VO(max) + VDO(max load).
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com