Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS70751MPWPREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70751MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70751MPWPREP Datasheet(HTML) 4 Page - Texas Instruments

  TPS70751MPWPREP Datasheet HTML 1Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 2Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 3Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 4Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 5Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 6Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 7Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 8Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
www.ti.com
NOTES: A.V
istheminimuminputvoltageforavalid. ThesymbolV
isnotcurrentlylistedwithinEIA or
JEDECstandardsforsemiconductorsymbology.
RES
RES
RESET
V
IN2
V
RES
(seeNote A)
V
RES
t
t
t
V
OUT2
Threshold
Voltage
RESET
Output
120-ms
Delay
120-ms
Delay
Output
Undefined
Output
Undefined
V
(seeNoteB)
IT+
V
IT–
(seeNoteB)
V
(seeNoteB)
IT+
B.V – Tripvoltageistypically5%lowerthantheoutputvoltage(95%V );V
toV
isthehysteresisvoltage.
IT
O
IT–
IT+
V
IT–
(seeNoteB)
NOTES: A.V
istheminimuminputvoltageforavalidPG1. ThesymbolV
isnotcurrentlylistedwithinEIA or
JEDECstandardsforsemiconductorsymbology.
PG1
PG1
V
PG1
t
t
t
Threshold
Voltage
PG1
Output
Output
Undefined
Output
Undefined
V
(seeNoteB)
IT+
V
(seeNoteB)
IT+
B.V – Tripvoltageistypically5%lowerthantheoutputvoltage(95%V );V
toV
isthehysteresisvoltage.
IT
O
IT–
IT+
V
IN1
V
OUT2
V
PG1
(seeNote A)
V
IT –
(seeNoteB)
V
IT–
(seeNoteB)
V
UVLO
V
UVLO
30 s
m
TPS70751-EP
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR
WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
SLVS718 – DECEMBER 2006
RESET TIMING DIAGRAM (WITH VIN1 POWERED UP AND MR1 AND MR2 AT LOGIC HIGH)
PG1 TIMING DIAGRAM
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com