Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLOU330 Datasheet(PDF) 3 Page - Texas Instruments

Part # SLOU330
Description  EVM Description
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLOU330 Datasheet(HTML) 3 Page - Texas Instruments

  SLOU330 Datasheet HTML 1Page - Texas Instruments SLOU330 Datasheet HTML 2Page - Texas Instruments SLOU330 Datasheet HTML 3Page - Texas Instruments SLOU330 Datasheet HTML 4Page - Texas Instruments SLOU330 Datasheet HTML 5Page - Texas Instruments SLOU330 Datasheet HTML 6Page - Texas Instruments SLOU330 Datasheet HTML 7Page - Texas Instruments SLOU330 Datasheet HTML 8Page - Texas Instruments SLOU330 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Tabs to control basic
setup, RX and TX
& SYNC registers as
well as CDCE72010
Individual control
registers
Control to send or read all registers
(AFE722x and CDCE72010) as well
as load or save register files.
Reset USB port on FTDI
chip – required after power
up of AFE722x EVM.
Summary of current registers being written showing 12bit
address & 8bit data in hex format as well as 8bit in binary format.
Warning indication that USB
communication is not established.
www.ti.com
AFE722x.ini file for TSW1200
2
AFE722x.ini file for TSW1200
The AFE722x software package comes with a new ini file for the TSW1200. This AFE722x.ini file should
be placed manually into the following directory in order for the TSW1200 to recognize it: C:\Program
Files\Texas Instruments\TSW1200\ADC Files
3
AFE722x EVM Software - SPI Control
The AFE722x EVM software controls the AFE722x and CDCE72010 on the EVM via SPI register writes
through a USB connection with the PC. Below is a snapshot of the GUI front panel highlighting the various
tabs to control the setup of AFE722x as well as CDCE72010.
It is required to perform a USB reset after applying power to the EVM to establish proper connection with
the PC. A warning sign on the bottom right will flash otherwise indicating USB communication failure.
The EVM software also provides the option to save all registers to a file or to load registers from a file.
3
SLOU330
– December 2011
EVM Description
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com