Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLOU330 Datasheet(PDF) 4 Page - Texas Instruments

Part # SLOU330
Description  EVM Description
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLOU330 Datasheet(HTML) 4 Page - Texas Instruments

  SLOU330 Datasheet HTML 1Page - Texas Instruments SLOU330 Datasheet HTML 2Page - Texas Instruments SLOU330 Datasheet HTML 3Page - Texas Instruments SLOU330 Datasheet HTML 4Page - Texas Instruments SLOU330 Datasheet HTML 5Page - Texas Instruments SLOU330 Datasheet HTML 6Page - Texas Instruments SLOU330 Datasheet HTML 7Page - Texas Instruments SLOU330 Datasheet HTML 8Page - Texas Instruments SLOU330 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CDC
AUX IN
/3
/4
CDCE72010
AFE722x
TSW3100
368.64MHz
122.88MHz
92.16MHz
Initial EVM Setup and Basic Test Procedure
www.ti.com
4
Initial EVM Setup and Basic Test Procedure
The fastest way to get the AFE722x EVM up and running is to follow this operating procedure:
•
Two signal generators should be connected to the clock and data input of the EVM - preferably with
band pass filter and 10MHz reference locked for coherency.
•
Clock input should be connected to
‘CDC AUX IN’ input for AUX clock setup and the clock generator
amplitude should be set to ~10-13dBm.
•
TSW1200 (RX) capture card should be plugged in AFE722x EVM and connected to the PC via USB.
•
TSW3100 (TX) pattern generation card plugged into AFE722x EVM and connected to PC via Ethernet
cable.
•
All appropriate power supplies should be connected
– blue LED (D2) on AFE722x EVM indicating
power good status.
•
After performing USB reset in AFE722x EVM software, the flashing USB warning sign should
disappear indicating successful USB communication.
4.1
CDCE72010 Configuration
The initial EVM setup is configured so that the AFE722x can be operated at any desired sampling rate.
Since the TSW3100 requires an external clock at
¾ of the AFE clock rate (see clocking section) the
external clock applied to the
‘CDC AUX IN’ connector needs to be 3x the AFE sampling rate (e.g.
368.64MHz for 122.88MHz operation). Loading a preconfigured register file (
‘AUX IN - div3 AFE div4
TSW.txt
’) to the CDCE72010, it then sets the dividers so that a /3 copy of the input clock is routed to the
AFE722x clock input and a /4 copy to the TSW3100.
4
EVM Description
SLOU330
– December 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com