Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLOU330 Datasheet(PDF) 11 Page - Texas Instruments

Part # SLOU330
Description  EVM Description
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLOU330 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SLOU330 Datasheet HTML 7Page - Texas Instruments SLOU330 Datasheet HTML 8Page - Texas Instruments SLOU330 Datasheet HTML 9Page - Texas Instruments SLOU330 Datasheet HTML 10Page - Texas Instruments SLOU330 Datasheet HTML 11Page - Texas Instruments SLOU330 Datasheet HTML 12Page - Texas Instruments SLOU330 Datasheet HTML 13Page - Texas Instruments SLOU330 Datasheet HTML 14Page - Texas Instruments SLOU330 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
VCXO
AFE722x
TSW3100
Ext
Ref In
/6
/8
CDCE72010
6x Fs
737.28MHz
92.16 MHz
122.88 MHz
E.g. 10 MHZ or
122.88 MHz
CDCE72010
VCXO
AFE722x
AFE722x
SMA
Connector
CLK IN
CLK INP
CLK INN
CLK IN\
R161
R112
0
S
T9
C56
DNI
SMA
Connector
R74
0
S
0
S
R78
0
S
R82
50
S
0
S
R79
DNI
R76
DNI
0
S
AUX IN
x3
/3
/8
CDCE72010
AFE722x
TSW3100
Opt. BPF
www.ti.com
Clocking Configuration
6.2
System Level
In this system configuration on the EVM a VCXO at 6x the
desired clock frequency is required
– alternatively a
different VCXO frequency can be used and the internal
CDCE72010 dividers adjusted accordingly. An external
reference can be locked to the VCXO for coherency using
the CDCE72010. In this configuration the CDCE72010
provides a /6 copy of the VCXO to the AFE722x clock
input as well as a /8 copy to the TSW3100.
Also the AFE722x EVM offers a placeholder for a surface
mount bandpass filter between CDCE72010 and
AFE722x to limit the clock phase noise.
6.3
RX Only
When testing only the ADCs for maximum performance,
the EVM provides an option to connect an external clock
directly to the AFE bypassing the CDCE72010. R74, R76
and R112 need to be modified from their default
configuration.
The DACs of the AFE can still be operated however the
TSW3100 can
’t be used for data generation as no
feedback clock is provided to it.
This option provides the lowest possible jitter option when
combined with an external bandpass filter.
6.4
RX and TX Independent Clocking
The AFE722x supports an option to run the dual ADCs at
a different sampling rate than the dual DACs. With a few
resistor changes, the clocking circuitry on the AFE722x
EVM can be configured to support that feature. However
in this scenario the CDCE72010 is bypassed and no clock
is routed back to the TSW3100. Hence an additional clock
needs to be provided and the CDCE72010 configured
with the appropriate output divider to match the AFE722x
DAC clock rate with the data rate from the TSW3100 (see
6.1
& 6.2).
6.5
Interpolation on the DAC
The AFE722x offers 2x and 4x interpolation of the DAC
output data. In order to employ interpolation on the DAC,
the clock going to the TSW3100 needs to be divided
accordingly. For example interpolation by 2x in the DAC
requires that the data coming from the TSW3100 arrives
at
½ of the AFE722x clock frequency.
11
SLOU330
– December 2011
EVM Description
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com