Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLOU330 Datasheet(PDF) 15 Page - Texas Instruments

Part # SLOU330
Description  EVM Description
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLOU330 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SLOU330 Datasheet HTML 10Page - Texas Instruments SLOU330 Datasheet HTML 11Page - Texas Instruments SLOU330 Datasheet HTML 12Page - Texas Instruments SLOU330 Datasheet HTML 13Page - Texas Instruments SLOU330 Datasheet HTML 14Page - Texas Instruments SLOU330 Datasheet HTML 15Page - Texas Instruments SLOU330 Datasheet HTML 16Page - Texas Instruments SLOU330 Datasheet HTML 17Page - Texas Instruments SLOU330 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
DCLK
Data
TX controls are
located on this tab
This section controls
power down options
on digital TX chain
Mixing section controls gain, offset,
mixing mode and NCO
This section controls
the TX FIFO
This section controls
auxiliary DACs
RX to TX Loopback
Enable
www.ti.com
Trouble Shooting of the EVM Setup
Also the data coming from the TSW3100 is edge aligned while the
AFE722x expect the serial LVDS data to arrive edge centered. Here
the programmable clock delay can be used to delay the edge aligned
clock closer towards the center of the data.
The table below shows clock delays for listed DAC sampling rates
that showed proper operation:.
DAC Sampling Rate
Suitable Clock Delay
130Msps
0ps to 900ps
122.88Msps
0ps to 900ps
100Msps
0ps to 1.2ns
80Msps
0ps to 1.8ns
65Msps
0ps to 2.1ns
40Msps
0ps to 2.1ns
The other portion of the TX setup is located on the
‘Transmit Control’ tab which includes register access
for the mixing stage, FIFO, Loopback and power options for the digital TX section. Also the auxiliary DAC
registers are configured on this tab.
9
Trouble Shooting of the EVM Setup
The two main problems engineers face are covered in this chapter. Often times a programming step is
missed leading to faulty or no data either on the RX or TX side. Please refer to AFE722x Setup.pdf in the
support documentation which includes more detailed instructions along with power measurements for
correlation.
The second issue covers unsuccessful data transfer from the TSW3100 to the AFE722x EVM. This most
likely can be traced back to an IP address conflict between the PC and the TSW3100. The following steps
should provide a solution for that problem.
TSW3100 IP Configuration
15
SLOU330
– December 2011
EVM Description
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com