Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLOU330 Datasheet(PDF) 9 Page - Texas Instruments

Part # SLOU330
Description  EVM Description
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLOU330 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SLOU330 Datasheet HTML 5Page - Texas Instruments SLOU330 Datasheet HTML 6Page - Texas Instruments SLOU330 Datasheet HTML 7Page - Texas Instruments SLOU330 Datasheet HTML 8Page - Texas Instruments SLOU330 Datasheet HTML 9Page - Texas Instruments SLOU330 Datasheet HTML 10Page - Texas Instruments SLOU330 Datasheet HTML 11Page - Texas Instruments SLOU330 Datasheet HTML 12Page - Texas Instruments SLOU330 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LDO
TPS7A4501
6V Input
5V
LDO
TPS79633
CDCE72010
DC/DC
TPS62291
3.3V
LDO
TPS79518
1.8V
6V
JP10
JP19
JP11
JP12
JP18
JP20
JP14
JP13
JP4
DC/DC
TPS62231
TRF3703
I/Q Mod
VCXO
AFE722x
AFE7225
TSW3100
Pattern Generator
Serialized LVDS
6x DAC Rate
Synchronous Clock
@ 1/8 DAC Rate
www.ti.com
Power Supply Options
5
Power Supply Options
The AFE722x EVM is designed to operate from an external 6 V wall wart supply. A LDO generates a 5V
rail for the TRF3703 IQ modulator as well as for the low noise LDOs which are generating a 3.3 V and 1.8
V rail for the AFE722x and the CDCE72010. Alternatively the 3.3 V and 1.8 V rails can be generated using
DC/DC converters which operate directly from the 6 V input for maximum power efficiency.
The EVM provides options to disable unused circuits by means of pin headers. These headers can also
be used for accurate power measurements where external power supplies can be directly connected to
them.
Three pin headers allow a convenient change between powering the AFE722x and CDCE72010 either
from DC/DC converter or low noise LDO.
6
Clocking Configuration
The AFE722x EVM offers 3 different options for
providing the clock to the AFE722x as well as the
supporting circuitry. The biggest challenge arises
when using the DAC with the TSW3100 because
the TSW3100 expects an input clock at 1/8 of the
DAC input data rate. However since the AFE722x
is designed for the serial LVDS interface, the DAC
data rate is 6x the actual AFE722x clock frequency.
Hence the clock to the TSW3100 needs to 6/8 =
3/4x the AFE722x clock frequency.
9
SLOU330
– December 2011
EVM Description
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com