Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLOU330 Datasheet(PDF) 1 Page - Texas Instruments

Part # SLOU330
Description  EVM Description
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLOU330 Datasheet(HTML) 1 Page - Texas Instruments

  SLOU330 Datasheet HTML 1Page - Texas Instruments SLOU330 Datasheet HTML 2Page - Texas Instruments SLOU330 Datasheet HTML 3Page - Texas Instruments SLOU330 Datasheet HTML 4Page - Texas Instruments SLOU330 Datasheet HTML 5Page - Texas Instruments SLOU330 Datasheet HTML 6Page - Texas Instruments SLOU330 Datasheet HTML 7Page - Texas Instruments SLOU330 Datasheet HTML 8Page - Texas Instruments SLOU330 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TSW1200
TSW3100
6V Power
Input
ADC Input for
ChA and ChB
DAC Outputs
for ChA and ChB
IQ Modulator
Output
LO Input
Power Supply Jumpers
for LDO/DCDC, iQ Mod
and CDCE72010
Clock
Inputs
USB
AUX ADC and
DAC
User
's Guide
SLOU330
– December 2011
EVM Description
The AFE722x EVM includes a great level of flexibility to enable the user to test it in a more system like
environment. The individual power rails can be generated through LDOs or DC/DC converters from a 6 V
power source and the EVM clock architecture allows for external clock input as well as clock generation
using a low jitter PLL in combination with a VCXO. On the transmit side the EVM provides the option of
connecting directly to the DAC outputs or perform up-conversion via on board IQ modulator.
On the digital side the EVM provides a seamless interface to the TSW1200 capture card in order to
evaluate received data directly on a PC. The TSW3100 pattern generation card can be used to provide
data to the dual DAC of the AFE722x and the on board CDCE72010 generates the appropriate clock for
the TSW3100 for synchronous operation. Both AFE722x and CDCE72010 can be programmed via SPI
conveniently through the USB connection.
1
SLOU330
– December 2011
EVM Description
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - SLOU330

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLOU334 TI1-SLOU334 Datasheet
436Kb / 7P
THS4531DGKEVM Evaluation Module
More results

Similar Description - SLOU330

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1271EVM TI-ADS1271EVM Datasheet
388Kb / 16P
modular EVM form factor
SLLU155 TI1-SLLU155 Datasheet
770Kb / 17P
TLK110 Customer EVM
SLLU158 TI1-SLLU158 Datasheet
1Mb / 11P
CAN EVM User Guide
AM335X TI1-AM335X Datasheet
91Kb / 5P
AM335x General-Purpose EVM
EV2300 TI-EV2300 Datasheet
642Kb / 18P
EVM INTERFACE BOARD
logo
ISOCOM COMPONENTS
ICPL0600 ISOCOM-ICPL0600 Datasheet
608Kb / 13P
DESCRIPTION
logo
Texas Instruments
ISO722XEVM TI1-ISO722XEVM Datasheet
438Kb / 12P
Dual-Channel Digital Isolator EVM
SN65HVD01-EVM TI-SN65HVD01-EVM Datasheet
662Kb / 9P
SN65HVD01-EVM Evaluation Module
logo
NXP Semiconductors
FRDM-HB2001-EVM NXP-FRDM-HB2001-EVM Datasheet
4Mb / 31P
FRDM-HB2001-EVM evaluation board
Rev. 1.0, 2/2016
logo
OSRAM GmbH
TMF882X OSRAM-TMF882X Datasheet
1Mb / 37P
EVM User Guide
v6-00 2022-May-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com