Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLOU330 Datasheet(PDF) 6 Page - Texas Instruments

Part # SLOU330
Description  EVM Description
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLOU330 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SLOU330 Datasheet HTML 2Page - Texas Instruments SLOU330 Datasheet HTML 3Page - Texas Instruments SLOU330 Datasheet HTML 4Page - Texas Instruments SLOU330 Datasheet HTML 5Page - Texas Instruments SLOU330 Datasheet HTML 6Page - Texas Instruments SLOU330 Datasheet HTML 7Page - Texas Instruments SLOU330 Datasheet HTML 8Page - Texas Instruments SLOU330 Datasheet HTML 9Page - Texas Instruments SLOU330 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Select AFE722x
for ADC
Perform FFT
capture
Enter ADC
sampling rate
Enter desired
input frequency
DCLK
Data
Initial EVM Setup and Basic Test Procedure
www.ti.com
4.3
TX Path Using TSW3100
First the AFE722x digital interface needs to be configured to match the serial LVDS interface from the
TSW3100.
The following control registers need to be set in the
‘General Setup’ tab of the AFE722x programming
software. Also the USB communication warning sign should be monitored after the USB reset to ensure
proper communication with the AFE722x EVM.
Table 1. Control Registers
Register Bit
Setting
Interface
Serial LVDS
Master Override
Enabled
Serial LVDS
2 Wire
Data Orientation
MSB first
Format
2s Complement
Clock Delay
Enabled
Clock Delay
300ps
Frame Clock Delay
Disabled
Frame Clock Delay
0ps
The data coming from the TSW3100 is edge aligned while the AFE722x expects the serial LVDS data to
arrive edge centered. Here the programmable clock delay inside the AFE722x can be used to delay the
edge aligned clock closer towards the center of the data.
The table below shows clock delays for listed DAC sampling rates that showed proper operation.
6
EVM Description
SLOU330
– December 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com