Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLOU330 Datasheet(PDF) 14 Page - Texas Instruments

Part # SLOU330
Description  EVM Description
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLOU330 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SLOU330 Datasheet HTML 10Page - Texas Instruments SLOU330 Datasheet HTML 11Page - Texas Instruments SLOU330 Datasheet HTML 12Page - Texas Instruments SLOU330 Datasheet HTML 13Page - Texas Instruments SLOU330 Datasheet HTML 14Page - Texas Instruments SLOU330 Datasheet HTML 15Page - Texas Instruments SLOU330 Datasheet HTML 16Page - Texas Instruments SLOU330 Datasheet HTML 17Page - Texas Instruments SLOU330 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
DAC A
SMA
Connector
R46 0
S
DAC B
R133
DNI
TRF3703
LO
RF Out
Fc=125 MHz
R56 0
S
R127
DNI
SMA
Connector
SMA
Connector
SMA
Connector
R114
DNI
R120
DNI
R58 0
S
R68 0
S
TX Setup
www.ti.com
When using the TSW3100 as a pattern generator for the AFE722x,
first the digital interface needs to be configured to match the serial
LVDS interface from the TSW3100.
Following control registers need to be set in the
‘General Setup’ tab
of the AFE722x programming software.
Also the USB communication warning sign should be monitored after
the USB reset to ensure proper communication with the AFE722x
EVM.
Register Bit
Setting
Interface
Serial LVDS
Master Override
Enabled
Serial LVDS
2 Wire
Data Orientation
MSB First
Format
2s Complement
Clock Delay
Enabled
Clock Delay
300ps
Frame Clock Delay
Disabled
Frame Clock Delay
Disabled
14
EVM Description
SLOU330
– December 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com