Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLOU330 Datasheet(PDF) 13 Page - Texas Instruments

Part # SLOU330
Description  EVM Description
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLOU330 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SLOU330 Datasheet HTML 9Page - Texas Instruments SLOU330 Datasheet HTML 10Page - Texas Instruments SLOU330 Datasheet HTML 11Page - Texas Instruments SLOU330 Datasheet HTML 12Page - Texas Instruments SLOU330 Datasheet HTML 13Page - Texas Instruments SLOU330 Datasheet HTML 14Page - Texas Instruments SLOU330 Datasheet HTML 15Page - Texas Instruments SLOU330 Datasheet HTML 16Page - Texas Instruments SLOU330 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
RX controls are
located on this tab
This section controls
power down options
on digital RX chain
The power meter
indicates the input
power level to the two
ADCs
Mixing section controls gain, offset,
mixing mode and NCO
This section controls
auxiliary ADC and its
mux input
www.ti.com
TX Setup
The other portion of the RX setup is located on the
‘Receive Control’ tab which includes register access
for the mixing stage, power meter and power options for the digital RX section. Also the auxiliary ADC
registers are configured on this tab.
8
TX Setup
For the transmit output, the AFE722x EVM provides an option to directly route the DACs to SMA
connectors as well as an option to connect the dual DAC to an IQ modulator (TRF3703) for direct
up-conversion. The schematic below shows the two options and the relevant 0
Ω resistors to switch
between them.
When using the IQ modulator, there is a separate SMA connector on the EVM for the LO input. Also there
is a low pass filter between DAC and IQ modulator for image suppression with a default cut off frequency
of 125 MHz.
13
SLOU330
– December 2011
EVM Description
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com