Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLOU330 Datasheet(PDF) 12 Page - Texas Instruments

Part # SLOU330
Description  EVM Description
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLOU330 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SLOU330 Datasheet HTML 8Page - Texas Instruments SLOU330 Datasheet HTML 9Page - Texas Instruments SLOU330 Datasheet HTML 10Page - Texas Instruments SLOU330 Datasheet HTML 11Page - Texas Instruments SLOU330 Datasheet HTML 12Page - Texas Instruments SLOU330 Datasheet HTML 13Page - Texas Instruments SLOU330 Datasheet HTML 14Page - Texas Instruments SLOU330 Datasheet HTML 15Page - Texas Instruments SLOU330 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
The section controls the setup of the digital
interface as well as test modes and digital
features such as decimation and loopback
The general setup tab includes
controls for the digital RX interface
RX Setup
www.ti.com
6.6
Decimation on the ADC
On the receive channels of the AFE722x, the output can be decimated by 2x using the on-chip FIR
halfband filter. This has no impact on the clock requirements to the AFE722x
– it merely reduces the
output data rate by a factor of 2x and settings (sampling and input frequency) on the TSW1200 capture
card or other data capture tool need to adjusted accordingly.
7
RX Setup
The RX section of the AFE722x is controlled on two
separate tabs of the EVM software.
In the
‘General Setup’ tab are the control registers for
the digital interface such as CMOS or serial LVDS
output for example. In order to use the TSW1200 to
capture the received data the following register settings
are required:
Register Bit
Setting
Interface
Serial LVDS
Master Override
Enabled
Format
Offset Binary
Serial LVDS
2 Wire
Data Orientation
MSB First
DSR Mode
Disabled
Wordwise Output
Disabled
Bitwise RX
Disabled
Halfrx in 2wire
Disabled
This tab also controls the register to set the digital
interface to test pattern mode and custom patterns can
be loaded as well. Furthermore RX decimation settings
as well as TX RX loopback mode are controlled here as
well.
12
EVM Description
SLOU330
– December 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com