Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC5014
Description  High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC5014 Datasheet HTML 4Page - Semtech Corporation SC5014 Datasheet HTML 5Page - Semtech Corporation SC5014 Datasheet HTML 6Page - Semtech Corporation SC5014 Datasheet HTML 7Page - Semtech Corporation SC5014 Datasheet HTML 8Page - Semtech Corporation SC5014 Datasheet HTML 9Page - Semtech Corporation SC5014 Datasheet HTML 10Page - Semtech Corporation SC5014 Datasheet HTML 11Page - Semtech Corporation SC5014 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
SC5014
8
Time (100ms/div)
Testing condition: VIN=12V, 25 , LEDs=10S4P@120/CH,PWM indirect
mode; PWM=10KHz, PWMI on / off, duty=0% to 100%
LEDCurrentFadeIn/Out(Logarithmic)
V_IO4
Iout
Vout
PWMI
LED Current Fade In/Out (Logarithmic)
Line Transient Response
LED Open Circuit Protection
100% dimming, 120mA/CH X 4
Typical Characteristics (continued)
PWMI
5V/div.
V
IO1
10V/div.
V
OUT
20V/div.
I
OUT
200mA/div.
Time (100ms/div)
Testing condition: VIN=12V, 25 , LEDs=10S4P@120/CH,PWM indirect
mode; PWM=10KHz, PWMI on / off, duty=0% to 100%
Fadein/Fadeout(Linear)
V_IO4
Iout
Vout
PWMI
PWMI
5V/div.
V
IO1
10V/div.
V
OUT
20V/div.
I
OUT
200mA/div.
LED Current Fade In/Out (Linear)
Time (4us/div)
Test condition: 8Vin to 20Vin, 10S4P@120mA per string, RFSET=100K ,
Vin RT=1us
LineTransientResponse
V_IO4
IL
Vout
PWMI
V
IN
10V/div.
V
OUT
1V/div.
V
IO1
1V/div.
IL
3A/div.
Time (20ms/div)
LEDsOpen-circuitProtection
Testing condition: VIN=12V, 25 , LEDs=10S4P@120mA/CH, CH4 open,
RFSET=100KHz, ROVP2=357K
EN
Iout
Vout
FLT
V
EN
5V/div.
FLT
5V/div.
V
OUT
20V/div.
I
OUT
200mA/div.
Starting with one LED string open-circuit
Load Transient Response
Load Transient Response
PWMI(10KHz)=2% to 98%, VIN=12V, 120mA/CH X 4
Fading disabled
Time (100us/div)
LoadTransientResponse
Testing condition: VIN=12V, 25 , LEDs=10S4P@120mA/CH,
RFSET=100KHz, PWMI=10K, Duty=2% to 98%
Iout
Vout
PWMI
PWMI
5V/div.
V
OUT
200mV/div.
I
OUT
200mA/div.
Time (100ms/div)
LoadTransientResponse
Testing condition: VIN=12V, 25 , LEDs=10S4P@120mA/CH,
RFSET=100KHz, PWMI=10K, Duty=98% to 2%
Iout
Vout
PWMI
8V
20V
PWMI(10KHz)=98% to 2%, VIN=12V, 120mA/CH X 4
Fading disabled
PWMI
5V/div.
V
OUT
200mV/div.
I
OUT
200mA/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com