Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014 Datasheet(PDF) 29 Page - Semtech Corporation

Part # SC5014
Description  High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014 Datasheet(HTML) 29 Page - Semtech Corporation

Back Button SC5014 Datasheet HTML 25Page - Semtech Corporation SC5014 Datasheet HTML 26Page - Semtech Corporation SC5014 Datasheet HTML 27Page - Semtech Corporation SC5014 Datasheet HTML 28Page - Semtech Corporation SC5014 Datasheet HTML 29Page - Semtech Corporation SC5014 Datasheet HTML 30Page - Semtech Corporation SC5014 Datasheet HTML 31Page - Semtech Corporation SC5014 Datasheet HTML 32Page - Semtech Corporation SC5014 Datasheet HTML 33Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
SC5014
29
Device Control Register
Bit Field
Definition
Read / Write Description
0x0 [7:6]
WIN[:0]
R/W
A modified duty cycle sent into the PWMI pin replaces the existing saved duty cycle when its
deviation from the saved duty is outside the window for two consecutive samples.
00 = 0 bits (no window)
0 = ± bit window
0 = ±2 bit window
 = ±3 bit window
0x0 [5]
FAST_FREQ
R/W
Determines the LED PWM dimming frequency selection:
 = High PWM dimming frequency mode assuming 9-bit PWM duty cycle dimming, dividing
the system clock 0MHz / (52 x (FREQ+)).
0 = Low PWM dimming frequency mode assuming 0-bit PWM duty cycle dimming, dividing
the system clock 0MHz / (024 x (FREQ+)).
0x0 [4]
FLT_EN
R/W
This bit enables fault checking:
0 = LED_OPEN and LED_SHORT faults are not checked.
 = LED_OPEN and LED_SHORT faults are checked.
0x0 [2]
PH_SHIFT
R/W
Enables String-by-String phase shifting. This is a don’t care if INT_PWM=0.
0 = Phase shifting disabled.
 = Phase shifting is enabled.
0x0 []
INT_DUTY
R/W
Determines the duty cycle source. This is a don’t care if INT_PWM = 0.
0 = LED duty cycle is set by the PWMI input.
 = LED duty cycle is set by the 0-bit duty cycle control registers.
0x0 [0]
INT_PWM
R/W
Sets the LED PWM dimming source.
0 = LED PWM dimming driven directly from the PWMI input source (direct PWM dimming).
 = LED PWM dimming driven from an internal oscillator (required for phase-shifted PWM
dimming); enables the PLL.
Analog Dimming Control Register
Bit Field
Definition
Read / Write Description
0x02 [4:0]
IDAC [4:0]
R / W
5-bit analog dimming register — The LED current can adjusted in 32 steps from 0mA to max
value determined by R
ISET.
Definition of Registers and Bits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com