Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014 Datasheet(PDF) 30 Page - Semtech Corporation

Part # SC5014
Description  High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014 Datasheet(HTML) 30 Page - Semtech Corporation

Back Button SC5014 Datasheet HTML 26Page - Semtech Corporation SC5014 Datasheet HTML 27Page - Semtech Corporation SC5014 Datasheet HTML 28Page - Semtech Corporation SC5014 Datasheet HTML 29Page - Semtech Corporation SC5014 Datasheet HTML 30Page - Semtech Corporation SC5014 Datasheet HTML 31Page - Semtech Corporation SC5014 Datasheet HTML 32Page - Semtech Corporation SC5014 Datasheet HTML 33Page - Semtech Corporation SC5014 Datasheet HTML 34Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
SC5014
30
Definition of Registers and Bits (continued)
Dimming Duty Cycle Control Register
Bit Field
Definition
Read / Write Description
0x03 [:0]
0x04 [7:0]
D [9:0]
R / W
0-bit PWM brightness setting — This value is spread over registers: 0x03 (MSB) and 0x04
(LSB).
Dimming Frequency Select Register
Bit Field
Definition
Read / Write Description
0x05 [7:0]
FREQ [7:0]
R / W
This register sets the LED dimming frequency.
FAST_FREQ = , then LED dimming frequency is equal to 0MHz / (52 x (FREQ+)).
FAST_FREQ = 0, then LED dimming frequency is equal to 0MHz / (024 x (FREQ+)).
PLL Control Registers
Bit Field
Definition
Read / Write Description
0x06 [:0]
0x07 [7:0]
0x08 [7:0]
NPLL [7:0]
R / W
These registers set the PLL divider value — The system clock is intended to run at 0MHz; this
value divides the system clock down to a frequency comparable to the SYNC signal’s frequen-
cy to allow PLL synchronization. Typical values are shown below.
F
IN
PLL Divider N
Register Values
FPLL = (N+2) × F
IN
60 Hz
69,982
0x02 - 0x97 - 0xFE
0MHz
 MHz
8
0x00 - 0x00 - 0x08
0MHz
Fade Options Registers
Bit Field
Definition
Read / Write Description
0x09 [7]
FADE_EN
R/W
Enables the fading feature.
FADE_EN = 0: No Fading; Jumps directly to new PWM value.
FADE_EN = : Enables fading.
0x09 [6]
FADE_TYPE
R/W
Selects the fading type.
FADE_TYPE = 0: Logarithmic Fading.
FADE_TYPE = : Linear Fading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com