Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC5014
Description  High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC5014 Datasheet HTML 8Page - Semtech Corporation SC5014 Datasheet HTML 9Page - Semtech Corporation SC5014 Datasheet HTML 10Page - Semtech Corporation SC5014 Datasheet HTML 11Page - Semtech Corporation SC5014 Datasheet HTML 12Page - Semtech Corporation SC5014 Datasheet HTML 13Page - Semtech Corporation SC5014 Datasheet HTML 14Page - Semtech Corporation SC5014 Datasheet HTML 15Page - Semtech Corporation SC5014 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
SC5014
2
General Description
The SC504 contains a high frequency, current-mode,
internally compensated boost controller with 4 constant
current sinks for driving LED strings. The LED current for
all strings is programmed by an external resistor. The boost
converter operates to maintain minimal required output
voltage for regulating the LED current to the programmed
value. A typical backlight application uses 3 to 4 LEDs
per each string, with current driven up to 20mA. The
unique control loop of the SC504 allows fast transient
response in dealing with line and load disturbances. The
SC504, operating with an external power MOSFET, regu-
lates the boost converter output voltage based on the
instantaneous requirement of the 4 string current sources.
This provides power to the entire lighting subsystem with
increased efficiency and reduced component count. It
supports PWM dimming frequencies from 00Hz to 30kHz
and the supply current is reduced to 2mA typical when all
LED strings are off.
Start-Up
When the EN pin is pulled up high (>2.V), the device is
enabled and the UVLO and VCC pin voltages are checked.
The VCC voltage has fixed under-voltage rising and falling
trip points. If the VCC pin is higher than 4.2V and the UVLO
pin voltage is greater than .23V, the SC504 goes into a
start-up sequence. The UVLO pin voltage can be used to
program the input power source voltage VIN turn-on
threshold and its hysteresis (refer to the detailed applica-
tion circuit on page 23, Figure 2) as shown by the follow-
ing equations:
V
IN_TurnOn [V] = .23 X (R + R2) / R
V
IN_Hysteresis [V] = 0
-5
X R
2 [Ω]
In the next phase, the SC504 checks each IO pin to deter-
mine if the respective LED string is enabled. Each IO pin is
pulled up with a 00µA current source. If any IO pin is con-
nected to ground, it will be detected as an unused string,
and will be turned off. This unused string checking proce-
dure typically takes ms. After this, the SC504 enters into
a soft-start sequence.
The soft-start function helps to prevent excess inrush
current through the input rail during start-up. In the
SC504, the soft-start is implemented by slowly ramping
up the reference voltage fed to the error amplifier. This
closed loop start-up method allows the output voltage
to ramp up without any overshoot. The duration of the
soft-start in the SC504 is controlled by an internal timing
circuit, which is used during start-up and is based on the
boost converter switching frequency. For example, with
switching frequency at MHz, it is 8ms typical and
becomes 4ms typical when the switching frequency is
2MHz.
If the PWM voltage goes low while the SC504 is in soft-
start operation, the SC504 switches to standby mode,
where the external power MOSFET and the LED current
sources will be turned off immediately. The internal soft-
start timer is turned off and the soft-start value is saved.
When the PWM voltage goes high again, the soft-start
resumes from the previously saved value.
Each LED current source (IO to IO4) tries to regulate the
LED current to its set point. The control loop will regulate
the output voltage such that all the IO pin voltages are at
least 0.9V typical.
Shutdown
When the EN pin is pulled down below 0.8V, the device
enters into shutdown mode. In this mode, all the internal
circuitry is turned off and the supply current is less than
µA (max).
In the scenario where the EN pin voltage is high, but VCC
voltage falls below the respective UVLO threshold, the
SC504 goes into a suspend mode. In this mode, all the
internal circuitry except the reference and the oscillator
are turned off.
Thermal Shutdown (TSD)
If the thermal shutdown temperature of typical 50°C is
reached, the boost converter and all IO current sources
are turned off. The FLT pin is forced low in this condition.
When the temperature falls below the TSD trip point by
0°C, the SC504 will restart following the start-up
sequence as described before. The FLT pin is latched and
will stay low, it is reset by cycling the EN, VCC or UVLO.
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com