Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014 Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC5014
Description  High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC5014 Datasheet HTML 19Page - Semtech Corporation SC5014 Datasheet HTML 20Page - Semtech Corporation SC5014 Datasheet HTML 21Page - Semtech Corporation SC5014 Datasheet HTML 22Page - Semtech Corporation SC5014 Datasheet HTML 23Page - Semtech Corporation SC5014 Datasheet HTML 24Page - Semtech Corporation SC5014 Datasheet HTML 25Page - Semtech Corporation SC5014 Datasheet HTML 26Page - Semtech Corporation SC5014 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
SC5014
23
Figure 2— Application Circuit Example, 40 LED @ 100mA
C5
2.7pF
VIN
(6-27V)
SC5014
VCC
EN
UVLO
SCP
SCL
SDA
PWM
IO4
IO3
IO2
IO1
OVP
R4
C4
100pF
R3
C6
Q1
C12
SDA
R8
R15
C1
SCL
C3
L1
R9
R1
PWM
R12
VCC (5V)
R6
R2
GND
R11
Vout
10 WLEDs per channel
FLT
FLT
2.2µF
10kΩ
PGND
10µF/35V
x2PCS
4.7µF/50V
x6PCS
1µF
24.3kΩ
80mΩ
357kΩ
10kΩ
25.5kΩ
R7,110kΩ
20kΩ
10kΩ
R5,40.2kΩ
100kΩ
D1
10kΩ
4.7µH
AON7244
B260
PAD
Figure 3— Li-Ion Powered Display Application Circuit Example, 20 LED @ 20mA
VIN
(3-4.2V)
S C 504
VCC
EN
UVLO
SCP
SCL
SDA
PWM
IO4
IO3
IO2
IO1
OVP
R4
R3
C6
Q1
C12
SDA
R8
R15
C1
SCL
C3
L1
R1
PWM
R12
VCC (5V)
R6
R2
GND
R11
Vout
5 WLEDs per channel
FLT
FLT
2.2µF/10V
10kΩ
PGND
10µF/6.3V
x2PCS
1µF
13kΩ
100mΩ
249kΩ
10kΩ
127kΩ
20kΩ
10kΩ
R5,60.4kΩ
100kΩ
D1
10kΩ
Si2318
B140
PAD
RCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com