Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC5014
Description  High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014 Datasheet(HTML) 1 Page - Semtech Corporation

  SC5014 Datasheet HTML 1Page - Semtech Corporation SC5014 Datasheet HTML 2Page - Semtech Corporation SC5014 Datasheet HTML 3Page - Semtech Corporation SC5014 Datasheet HTML 4Page - Semtech Corporation SC5014 Datasheet HTML 5Page - Semtech Corporation SC5014 Datasheet HTML 6Page - Semtech Corporation SC5014 Datasheet HTML 7Page - Semtech Corporation SC5014 Datasheet HTML 8Page - Semtech Corporation SC5014 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
POWER MANAGEMENT

SC5014
High Efficiency 4-Channel HB LED Driver with
I2C Interface and Phase-Shifted PWM Dimming
Revision 2.0
Features
Input Voltage — 4.5V to 27V
Output Voltage — Up to 50V
Step-up (Boost) Controller
Ultra-Fast Transient Response (<00μs)
Programmable Switching Frequency
Linear Current Sinks
4 Strings, up to 20mA/String
Current Matching ±%
Current Accuracy ±2%
PWM Dimming
String-by-String Phase Shifting
Input Dimming Frequency 00Hz-30kHz
User Selectable 9 or 0-Bits Dimming Resolution
5-Bits Analog Dimming
I2C Interface
Fault Status — Open/Short LED, UVLO, OTP
Device Control: PLL Setting
Protection Features
Open/Shorted LED(s) and adjustable OVP
Over-Temperature and UVLO Shutdown Protection
4mm X 4mm 20-pin QFN Package
Applications
UltrabooksTM, All-in-One PCs, Monitors, Automotive-
Display Backlighting
Backlighting for Mid-Size Displays
Description
The SC504 is a 4-channel, highly integrated, high-effi-
ciency step-up (boost) HB LED driver designed to reduce
the thickness of mid-size LCD displays. It features a wide
input voltage range (4.5V to 27V), phase-shifted PWM
dimming, analog dimming, a flexible output configura-
tion, an I2C interface, and numerous protection features.
The SC504 exhibits 2% to 4% higher efficiency when
using the same size inductors as existing LED drivers. But,
unlike existing devices, it can also operate with inductors
that are up to 0x smaller without sacrificing efficiency.
This part can also use very low-profile inductors (as small
as 2.2µH, mm height), which allows LED drivers to be
built directly into the LCD panel to enable ultra-thin
displays.
The boost controller, with programmable switching fre-
quency from 200kHz to 2.2MHz, maximizes efficiency by
dynamically minimizing the output voltage while main-
taining LED string current accuracy. It provides excellent
line and load response with no external compensation
components. An external resistor adjusts the current from
20-20mA per string. It also features PWM dimming reso-
lution of 9 or 0-bits (user selectable) over a dimming fre-
quency from 00Hz to 20kHz, synchronized to the boost
oscillator. String-by-string phase shifting reduces the
demand on the input/output capacitance, decreases EMI,
and improves dimming linearity.
UVLO
E-PAD
ISET
FSET
CPLL
SCP
SC5014
R3
R6
FLT
C3
REF
FLT
VCC
PGND
R11
R7
C4
R10
R1
R2
OVP
IO4
R9
R8
VIN=4.5to27V
Upto
120mA/String
IO1
IO2
IO3
C5
R5
PWMI
PWMI
SDA
SCL
ForI2C
EN
EN
L1
Q1
R4
NDRV
CS
D1 VOUTupto50V
VCC=4.5to5.5V
Typical Application Circuit


Similar Part No. - SC5014

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5014A SEMTECH-SC5014A Datasheet
1Mb / 27P
High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
SC5014AEVB SEMTECH-SC5014AEVB Datasheet
1Mb / 27P
High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
SC5014AMLTRT SEMTECH-SC5014AMLTRT Datasheet
1Mb / 27P
High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
More results

Similar Description - SC5014

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5010 SEMTECH-SC5010 Datasheet
905Kb / 36P
High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5010H SEMTECH-SC5010H Datasheet
2Mb / 36P
High Efficiency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5014A SEMTECH-SC5014A Datasheet
1Mb / 27P
High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
SC5012 SEMTECH-SC5012 Datasheet
175Kb / 1P
High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5012Q SEMTECH-SC5012Q Datasheet
245Kb / 1P
High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
logo
Intersil Corporation
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
922Kb / 28P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
logo
Renesas Technology Corp
ISL97671A RENESAS-ISL97671A Datasheet
1Mb / 28P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
logo
Semtech Corporation
SC5012BQ SEMTECH-SC5012BQ Datasheet
84Kb / 1P
High Effi ciency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
logo
Maxim Integrated Produc...
MAX20056BEVKIT MAXIM-MAX20056BEVKIT Datasheet
1Mb / 10P
Demonstrates Both Phase-Shifted and Direct PWM Dimming
Rev 0; 2/19
logo
Renesas Technology Corp
ISL97671 RENESAS-ISL97671 Datasheet
1Mb / 27P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Sep 7, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com