Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC5014
Description  High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC5014 Datasheet HTML 17Page - Semtech Corporation SC5014 Datasheet HTML 18Page - Semtech Corporation SC5014 Datasheet HTML 19Page - Semtech Corporation SC5014 Datasheet HTML 20Page - Semtech Corporation SC5014 Datasheet HTML 21Page - Semtech Corporation SC5014 Datasheet HTML 22Page - Semtech Corporation SC5014 Datasheet HTML 23Page - Semtech Corporation SC5014 Datasheet HTML 24Page - Semtech Corporation SC5014 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
SC5014
2
Application Information (continued)
V
RIPPLE–Peaktopeakoutputripple.
The ripple voltage should be less than 200mV (pk-pk) to
ensure good LED current sink regulation. For example, a
typical application where 20mA/channel current is
needed, the total output current for 4 channels will be
480mA, and 6x 4.7µF capacitors are recommended.
During load transient, the output capacitor supplies or
absorbs additional current before the inductor current
reaches its steady state value. Larger capacitance helps
with the overshoot/undershoot during load transient and
loop stability.
Input Capacitor Selection
X5R or X7R ceramic capacitor is recommended for input
bypass capacitor. A µF capacitor is sufficient for the VCC
input. Bypass the VIN input with a 0µF or larger ceramic
capacitor.
Output Freewheeling Diode Selection
Schottky diodes are the ideal choice for the SC504 due to
their low forward voltage drop and fast switching speed.
Table 5 shows several different Schottky diodes that work
properly with the SC504. Verify that the diode has a
voltage rating greater than the maximum possible output
voltage. The diode conducts current only when the power
switch is turned off. The diode must be rated to handle the
average output current. A diode rated for A average
current will be sufficient for most designs.
Table 5. Recommended Rectifier Diodes
Rectifier Diode
Vendor Website
DFLS40
www.diodes.com
SS4/5/6, SS24/25/26
www.vishay.com
External Power MOSFET Selection
The boost converter in SC504 uses an external power
MOSFET to regulate the output voltage and output power
to drive LED loads. This boost switching structure has an
advantage in that the SC504 is not exposed to high
voltage. Only the external power MOSFET, freewheeling
diode and the inductor will be exposed to the output
voltage. The external power MOSFET should be selected
with its voltage rating higher than the output voltage by
minimum 30%. The current rating should be enough to
handle the inductor peak current. Low R
DS(on) MOSFETs
are preferred for achieving better efficiency.
The GD (gate driver) on SC504 provides A (peak) current
driving capability which is suitable for most MOSFETs for
high frequency operation. The average current required to
drive the MOSFET is given by the following equation.
I
GATE=QGxfSW
Q
G—Gatecharge
The R
DS(ON) and its RMS current IS_RMS of the power MOSFET
will generate the conduction loss using the following
equation.
P
COND=IS_RMS
2
xR
DS(on)
The MOSFET’s switch loss can be calculated using the fol-
lowing equation.
P
SW=½xVINxIL_PEAKxfSWx(TON+TOFF)
WhereT
ONandTOFFaretheMOSFET’sonandofftime
and they can be estimated by the following
equations.
(
)
(
)
g
plateau
gd
r
ON
R
/
V
Q
t
T
+
−
+
=
5
5
(
)
g
plateau
gd
f
OFF
R
/
V
Q
t
T
+
+
=
5
Where t
r, tf, Qgd and Vplateau can usually be found from data-
sheet of the selected MOSFET. R
g is the resistance of the
optional resistor connected in series on the gate of the
MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com