Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014 Datasheet(PDF) 31 Page - Semtech Corporation

Part # SC5014
Description  High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014 Datasheet(HTML) 31 Page - Semtech Corporation

Back Button SC5014 Datasheet HTML 26Page - Semtech Corporation SC5014 Datasheet HTML 27Page - Semtech Corporation SC5014 Datasheet HTML 28Page - Semtech Corporation SC5014 Datasheet HTML 29Page - Semtech Corporation SC5014 Datasheet HTML 30Page - Semtech Corporation SC5014 Datasheet HTML 31Page - Semtech Corporation SC5014 Datasheet HTML 32Page - Semtech Corporation SC5014 Datasheet HTML 33Page - Semtech Corporation SC5014 Datasheet HTML 34Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
SC5014
3
Bit Field
Definition
Read / Write Description
0x09 [2:0]
STEP_MUL
[2:0]
R/W
Used to speed up fade time, when selected LED PWM dimming frequency is low. Define a 2N
multiplier of the fade amount.
STEP_MUL[2:0] = 000, N=0, multiplier = 
STEP_MUL[2:0] = 00, N=, multiplier = 2 = 2
STEP_MUL[2:0] = 00, N=2, multiplier = 22 = 4
STEP_MUL[2:0] = 0, N=3, multiplier = 23 = 8
STEP_MUL[2:0] = 00, N=4, multiplier = 24 = 6
STEP_MUL[2:0] = 0~, N=5, multiplier = 25 = 32
Fade Rate Register
Bit Field
Definition
Read / Write Description
0x0A [6:0]
FADE_RATE
[6:0]
R / W
Defines how often the duty is changed during a fade.
Fade rate = PWM Output Rate / ( + FADE_RATE[6:0])
Definition of Registers and Bits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com