Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC5014
Description  High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC5014 Datasheet HTML 18Page - Semtech Corporation SC5014 Datasheet HTML 19Page - Semtech Corporation SC5014 Datasheet HTML 20Page - Semtech Corporation SC5014 Datasheet HTML 21Page - Semtech Corporation SC5014 Datasheet HTML 22Page - Semtech Corporation SC5014 Datasheet HTML 23Page - Semtech Corporation SC5014 Datasheet HTML 24Page - Semtech Corporation SC5014 Datasheet HTML 25Page - Semtech Corporation SC5014 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
SC5014
22
Components Selection (continued)
Current Sensing Resistor Selection
The switch current is sensed via the current sensing resis-
tor, R
CS. The sensed voltage at this pin is used to set the
peak switch current limit and also used for steady state
regulation of the inductor current. The current limit com-
parator has a trip voltage of 0.4V (typical). R
CS value is
chosen to set the peak inductor and switch current using
the following equation.
I2
SW(Peak)=0.4/RCS
The power dissipation in R
SNS can be calculated using the
following equations.
P
R_CS=IRMS
2
xR
CS
I
RMS=Dx[IO/(1-D)]
2
I
O=OutputDCCurrent,D=DutyCycle
For the typical application circuit shown in the detailed
application circuit (page 23, Figure 2), the power dissipa-
tion on the sensing resistor is shown by the following
equations.
Assuming V
IN = 6V and VOUT = 3.5V, thus D = 8%,
P
R_CS=0.81X(0.48/0.19)
2
X0.08=0.414(W)
For this example, a 0.08 Ω % thick-film chip resistor rated
at W can be used.
PLL Filter Component Selection
The detailed application circuit on page 23, Figure 2 shows
the optimal R/C filter components for the PLL compensa-
tion. These are optimized for internal MHz switching fre-
quency. Please contact Semtech Power management
Application Group if a different switching frequency is
selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com