Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC5014
Description  High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014 Datasheet(HTML) 3 Page - Semtech Corporation

  SC5014 Datasheet HTML 1Page - Semtech Corporation SC5014 Datasheet HTML 2Page - Semtech Corporation SC5014 Datasheet HTML 3Page - Semtech Corporation SC5014 Datasheet HTML 4Page - Semtech Corporation SC5014 Datasheet HTML 5Page - Semtech Corporation SC5014 Datasheet HTML 6Page - Semtech Corporation SC5014 Datasheet HTML 7Page - Semtech Corporation SC5014 Datasheet HTML 8Page - Semtech Corporation SC5014 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
SC5014
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
() Tested according to JEDEC standard JESD22-A4-B.
(2) Calculated from package in still air, mounted to 3 x 4.5in, 4-layer FR4 PCB with thermal vias under the exposed pad per JESD5 standards.
Absolute Maximum Ratings (refer to PGND)
VCC Pin (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
VIN, IO to IO4 (V). . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +30
DRVN, OVP, CS, EN, UVLO, SCP, REF, FLT (V) . . -0.3 to +6.0
FSET, CPLL, SCL, SDA, ISET, PWMI (V) . . . . . . . -0.3 to +6.0
PGND to AGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +0.3
ESD Protection Level() (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Recommended Operating Conditions
Ambient Temperature Range (°C). . . . . . . . -40 < T
A < +85
VIN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5 to 27
IO to IO4 Current per String (mA) . . . . . . . . . . . 25 (max)
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . . 32
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +50
Storage Temperature Range (°C) . . . . . . . . . . . -65 to +50
Peak IR Reflow Temperature (0s to 30s) (°C) . . . . . . +260
Unless noted otherwise, T
A = 25°C for typical, -40°C < TA = TJ < 85°C for min and max. VCC = 5V, RISET = 25.5KΩ, RFSET = 00KΩ.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supply
V
CC Supply Voltage
V
CC
4.5
5.5
V
V
CC Under-Voltage Lockout Threshold
V
CC-UVLO(TH)
V
CC Voltage Rising
4.2
4.4
V
V
CC Under-Voltage Lockout Hysteresis
V
CC-UVLO(HYS)
V
CC Voltage Falling
80
mV
V
CC Quiescent Supply Current
I
CC(Q)
EN = 5V, Switching, No Load
2
mA
V
CC Supply Current in Shutdown
I
CC(SD)
EN = 0V

µA
V
UVLO Under-Voltage Lockout Threshold
V
UVLO(TH)
UVLO Pin Voltage Rising
.8
.23
.28
V
I
UVLO Under-Voltage Lockout Hysteresis
I
UVLO(HYS)
UVLO Pin Voltage Falling
7
0
3
µA
V
REF Bandgap Voltage
V
REF
.20
.23
.26
V
External FET Gate Drive
DRVN High Level
V
DRVN(H)
00mA from DRVN to GND
V
CC -0.5
V
CC -0.2
V
DRVN Low Level
V
DRVN(L)
-00mA from DRVN to V
CC
0.2
0.5
V
DRVN On-Resistance
R
DRVN
DRVN High or Low
2
5
Ω
DRVN Sink / Source Current
I
DRVN
DRVN Forced to 2.5V

A
Boost Converter
CS Current Limit Threshold
V
CS(ILIM)
0.36
0.40
0.44
V
Soft-Start Time ()
t
SS
From EN to End of Soft-Start
4.4
ms
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com