Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014AEVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC5014AEVB
Description  High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014AEVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC5014AEVB Datasheet HTML 1Page - Semtech Corporation SC5014AEVB Datasheet HTML 2Page - Semtech Corporation SC5014AEVB Datasheet HTML 3Page - Semtech Corporation SC5014AEVB Datasheet HTML 4Page - Semtech Corporation SC5014AEVB Datasheet HTML 5Page - Semtech Corporation SC5014AEVB Datasheet HTML 6Page - Semtech Corporation SC5014AEVB Datasheet HTML 7Page - Semtech Corporation SC5014AEVB Datasheet HTML 8Page - Semtech Corporation SC5014AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SC5014A
5
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Fault Protection
LED Short-Circuit Protection Threshold
V
IOn(SCP)
R
4 and R5
(3)
7xV
SCP
20xV
SCP
23xV
SCP
V
LED Open-Circuit Protection Threshold
V
IO_OCP
0.2
V
LED Short-Circuit Fault Delay
t
SCP(DELAY)
V
OVP Set to .5V, FLT Goes Low

µs
FLT Pin Leakage Current
I
FLT(LEAK)
V
EN = 0V, VFLT = 5.0V
-

µA
FLT Output Low
V
FLT(LOW)
-5mA from FLT to V
CC
0.3
V
Over-Temperature Protection
Thermal Shutdown Temperature
T
OTP
50
°C
Thermal Shutdown Hysteresis
T
OTP-H
0
°C
I2C Control Interface: SDA, SCL Timing Specifications
SCL Clock Frequency
F
SCL
400
kHz
SCL Clock Low Period
t
LOW(SCL)
.3
µs
SCL Clock High Period
t
HIGH(SCL)
0.6
µs
Hold Time Start Condition
t
HD(START)
0.6
µs
SDA Setup Time
t
SU(SDA)
00
ns
SDA Hold Time
t
HD(SDA)
0
0.9
µs
Setup Time Stop Condition
t
SU(STOP)
0.6
µs
Bus Free Time Between Stop & Start
t
BF
.3
µs
Notes:
() Ensured by design and characterization, not production tested.
(2) LED current matching for 2 channels is defined as the largest of the two numbers, i.e., (MAX-AVG)/AVG and (AVG-MIN)/AVG; where MAX is the
maximum LED channel current, MIN is the minimum LED channel current and AVG is the average of the 2 LED channel currents.
(3) Refer to the application circuit on page 20, Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com