Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014AEVB Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC5014AEVB
Description  High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014AEVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC5014AEVB Datasheet HTML 6Page - Semtech Corporation SC5014AEVB Datasheet HTML 7Page - Semtech Corporation SC5014AEVB Datasheet HTML 8Page - Semtech Corporation SC5014AEVB Datasheet HTML 9Page - Semtech Corporation SC5014AEVB Datasheet HTML 10Page - Semtech Corporation SC5014AEVB Datasheet HTML 11Page - Semtech Corporation SC5014AEVB Datasheet HTML 12Page - Semtech Corporation SC5014AEVB Datasheet HTML 13Page - Semtech Corporation SC5014AEVB Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
SC5014A
0
Pin Descriptions
Pin #
Pin
Name
Pin Function

UVLO
Input under-voltage lockout pin — Device is disabled when this pin is less than .23V (nominal). Add a resistor
divider from this pin to the input voltage and AGND, respectively.
2
SCP
Short-circuit LED protection programming pin — Shorted LED protection disables the individual channel when the
current sink voltage exceeds the programmed voltage threshold. Adding a resistor divider from this pin to REF and
PGND programs the shorted-LED protection up to 20x the V
SCP voltage. Pulling the pin high to VCC disables the SCP
feature on all channels.
3
REF
.23V reference voltage output pin — Connect a µF ceramic bypass capacitor from this pin to ground.
4
FSET
Step-up (boost) frequency set pin — Connect a resistor from this pin to ground to set the frequency from 200kHz to
2.2MHz.
5
NC
No connect. This can be left floating or connected to GND.
6
SCL
I2C serial clock input — This pin must be connected to ground if not used.
7
SDA
I2C serial data input — This pin must be connected to ground if not used.
8
ISET
LED current programming pin — Connect an external resistor to ground to program the current in the LED strings.
For more details please refer to LED String Peak Current Programming on page 3.
9
FLT
Logic low fault status pin — Open-drain output is latched low when fault condition is detected: Open/Short LED,
Shorted String, OVP or OTP. Fault status can be reset by removing fault condition(s) and toggling the EN, VCC or
UVLO pins. This pin can be left floating if not used.
0
PWMI
LED string PWM dimming control input.
 ~4
IO2 ~ IO
Regulated current sink LED channel 2 to channel  respectively . Connect the related IO pin to the cathode of the
bottom LED in string 2 to string  respectively. Connect the related IO pin to ground to disable the related LED
string during power on.
5
OVP
Over-voltage feedback pin — Over-voltage activated when pin voltage exceeds .2V. Use a resistor divider tied to
the output and GND to set the OVP level.
6
CS
Step-up (boost) switch current sense pin — Connect a resistor from this pin to ground for current sense - utilized in
peak current mode control loop and over-current sense circuitry.
7
PGND
Power ground — Tie this pin to the power ground plane close to input and output decoupling capacitors.
8
NDRV
Gate drive for the external step-up (boost) N-Channel MOSFET.
9
VCC
Input bias voltage supply for the IC — Accepts 4.5-5.5V inputs. Add a µF or larger ceramic bypass capacitor from
this pin to ground.
20
EN
Logic high enable pin — Pull logic high to enable the device or pull low to disable and maintain low shutdown
current.
-
PAD
AGND thermal pad for heatsinking purposes — It should be connected to ground plane for proper circuit operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com