Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014AEVB Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC5014AEVB
Description  High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014AEVB Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC5014AEVB Datasheet HTML 19Page - Semtech Corporation SC5014AEVB Datasheet HTML 20Page - Semtech Corporation SC5014AEVB Datasheet HTML 21Page - Semtech Corporation SC5014AEVB Datasheet HTML 22Page - Semtech Corporation SC5014AEVB Datasheet HTML 23Page - Semtech Corporation SC5014AEVB Datasheet HTML 24Page - Semtech Corporation SC5014AEVB Datasheet HTML 25Page - Semtech Corporation SC5014AEVB Datasheet HTML 26Page - Semtech Corporation SC5014AEVB Datasheet HTML 27Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
SC5014A
24
Definition of Registers and Bits
Fault Status Register
Bit Field
Definition
Read / Write Description
0x00 [7]
CLF
W
Clear latching flags bit.
(Set =  to clear OTP, LED_OPEN, LED_SHORT and mask OVP for 32 to 64μs)
0x00 [5]
LED_SHORT
R
One or more LED strings faulted shorted
0x00 [4]
LED_OPEN
R
One or more LED strings faulted open
0x00 [2]
OTP
R
Thermal shutdown ( = thermal OTP fault)
0x00 []
OVP
R
Output over-voltage fault (  = OVP )
0x00 [0]
FAULT
R
OR of all fault conditions (0= no fault,  = fault condition)
Analog Dimming Control Register
Bit Field
Definition
Read / Write Description
0x02 [4:0]
IDAC [4:0]
R / W
5-bit analog dimming register — The LED current can adjusted in 32 steps from 0mA to max
value determined by R
ISET.
Register Map
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Value
Description
0x00
CLF
LED_
SHORT
LED_
OPEN
OTP
OVP
FAULT
0x00
Fault Status
0x02
IDAC4
IDAC3
IDAC2
IDAC
IDAC0
0xF
Analog Dimming
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com