Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014AEVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC5014AEVB
Description  High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014AEVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC5014AEVB Datasheet HTML 1Page - Semtech Corporation SC5014AEVB Datasheet HTML 2Page - Semtech Corporation SC5014AEVB Datasheet HTML 3Page - Semtech Corporation SC5014AEVB Datasheet HTML 4Page - Semtech Corporation SC5014AEVB Datasheet HTML 5Page - Semtech Corporation SC5014AEVB Datasheet HTML 6Page - Semtech Corporation SC5014AEVB Datasheet HTML 7Page - Semtech Corporation SC5014AEVB Datasheet HTML 8Page - Semtech Corporation SC5014AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
POWER MANAGEMENT

SC5014A
High Efficiency 2-Channel HB LED Driver with
I2C Interface and Direct PWM Dimming
Revision 2.0
Features
Input Voltage — 4.5V to 27V
Output Voltage — Up to 50V
Step-up (Boost) Controller
Ultra-Fast Transient Response (<00μs)
Programmable Switching Frequency
Linear Current Sinks
2 Strings, up to 240mA/String
Current Matching ±%
Current Accuracy ±2%
PWM Dimming
Direct PWM Dimming, 000: at KHz
Input Dimming Frequency 00Hz-30kHz
5-Bits Analog Dimming
I2C Interface
Fault Status — Open/Short LED, UVLO, OTP
Protection Features
Open/Shorted LED(s) and adjustable OVP
Over-Temperature and UVLO Shutdown Protection
4mm X 4mm 20-pin QFN Package
Applications
UltrabooksTM, All-in-One PCs, Monitors, Automotive-
Display Backlighting
Backlighting for Mid-Size Displays
Description
The SC504A is a 2-channel, highly integrated, high-effi-
ciency step-up (boost) HB LED driver designed to reduce
the thickness of mid-size LCD displays. It features a wide
input voltage range (4.5V to 27V), direct PWM dimming,
analog dimming, a flexible output configuration, an I2C
interface, and numerous protection features.
The SC504A exhibits 2% to 4% higher efficiency when
using the same size inductors as existing LED drivers. But,
unlike existing devices, it can also operate with inductors
that are up to 0x smaller without sacrificing efficiency.
This part can also use very low-profile inductors (as small
as 2.2µH, mm height), which allows LED drivers to be
built directly into the LCD panel to enable ultra-thin
displays.
The boost controller, with programmable switching
frequency from 200kHz to 2.2MHz, maximizes efficiency
by dynamically minimizing the output voltage while
maintaining LED string current accuracy. It provides
excellent line and load response with no external com-
pensation components. An external resistor adjusts the
current from 40-240mA per string.
U VLO
E -PAD
ISET
FSET
SC P
SC5014A
R 3
R 6
FLT
C 3
R EF
FLT
VC C
PG N D
R 11
R 10
R 1
R 2
O VP
IO 2
R 9
R 8
V IN=4.5 to 27V
U p to
240m A/String
IO 1
IO 1
IO 2
C 5
R 5
PW M I
PW M I
SD A
SC L
For I2C
EN
EN
L1
Q 1
R 4
N D R V
C S
D 1 VOUT up to 50V
VCC = 4.5 to 5.5V
Typical Application Circuit


Similar Part No. - SC5014AEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5014 SEMTECH-SC5014 Datasheet
1Mb / 34P
High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5014EVB SEMTECH-SC5014EVB Datasheet
1Mb / 34P
High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5014MLTRT SEMTECH-SC5014MLTRT Datasheet
1Mb / 34P
High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
More results

Similar Description - SC5014AEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5010 SEMTECH-SC5010 Datasheet
905Kb / 36P
High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5010H SEMTECH-SC5010H Datasheet
2Mb / 36P
High Efficiency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5014 SEMTECH-SC5014 Datasheet
1Mb / 34P
High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
logo
Fairchild Semiconductor
FAN5346 FAIRCHILD-FAN5346 Datasheet
1Mb / 14P
Series Boost LED Driver with PWM Dimming Interface
logo
Semtech Corporation
SC5012 SEMTECH-SC5012 Datasheet
175Kb / 1P
High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5012Q SEMTECH-SC5012Q Datasheet
245Kb / 1P
High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
logo
SHANGHAI BELLING CO., L...
BL8549 BELLING-BL8549 Datasheet
540Kb / 6P
40V Backlight LED Driver with PWM Direct Dimming
logo
Semtech Corporation
SC5012BQ SEMTECH-SC5012BQ Datasheet
84Kb / 1P
High Effi ciency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
logo
Monolithic Power System...
MPQ3324 MPS-MPQ3324 Datasheet
1Mb / 29P
8-Channel, 100mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface, AEC-Q100
Rev. 1.0 2/18/2021
MP3326 MPS-MP3326 Datasheet
1,009Kb / 36P
16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com