Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014AEVB Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC5014AEVB
Description  High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014AEVB Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC5014AEVB Datasheet HTML 4Page - Semtech Corporation SC5014AEVB Datasheet HTML 5Page - Semtech Corporation SC5014AEVB Datasheet HTML 6Page - Semtech Corporation SC5014AEVB Datasheet HTML 7Page - Semtech Corporation SC5014AEVB Datasheet HTML 8Page - Semtech Corporation SC5014AEVB Datasheet HTML 9Page - Semtech Corporation SC5014AEVB Datasheet HTML 10Page - Semtech Corporation SC5014AEVB Datasheet HTML 11Page - Semtech Corporation SC5014AEVB Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SC5014A
8
VINStartUP
Testing condition: VIN=12V,VCC=5V, LEDs=10S4P@100mA, 1MHz, 25
VIN
V_IO1
IOUT
VOUT
Start-upintoShortcircuitProtection
VIN
/FLT
IOUT
VOUT
Testing condition: VIN=12V,VCC=5V, LEDs=10S4P@100mA, 1MHz, 25 ,
two LEDs short circuit
UnusedString
VIN
/FLT
IOUT
VOUT
Testing condition: VIN=12V,VCC=5V, LEDs=10S4P@100mA, 1MHz,
25 ,IO1&IO2 short to GND
Start-upintoLEDsOpen-circuitProtection
VIN
/FLT
IOUT
VOUT
Testing condition: VIN=12V,VCC=5V, LEDs=10S4P@100mA, 1MHz,
25 ,IO1&IO2 open
Time (5ms/div)
LED Open Circuit Protection
LED Short Circuit Protection
Start Up by Vin
Two LEDs short Circuit in one string
Typical Characteristics (continued)
V
IN
8V/div.
/FLT
5V/div.
V
OUT
10V/div.
I
OUT
200mA/div.
Time (5ms/div)
V
IN
8V/div.
I
OUT
100mA/div.
V
OUT
10V/div.
/FLT
5V/div.
Unused String
Time (5ms/div)
Time (5ms/div)
10S2P, 240mA/CH
Load Transient Response
Load Transient Response
Time (100us/div)
Time (100ms/div)
Starting with one LED string open-circuit
Starting with one unused LED string
V
IN
8V/div.
/FLT
5V/div.
V
OUT
10V/div.
I
OUT
200mA/div.
PWM(10KHz)=0.5% to 99%, VIN=12V, 200mA/CH X 2
LoadTransientResponse
Testing condition: VIN=12V, 25 , LEDs=10S4P@100mA/CH, 1MHz,
PWMI=10KHz, Duty=0.5% to 99%
V_IO1
SDA
IOUT
VOUT
V
IO1
5V/div.
PWMI
6V/div.
V
OUT
5V/div.
I
OUT
200mA/div.
PWM(10KHz)=99% to 0.3%, VIN=12V, 200mA/CH X 2
V
IN
5V/div.
I
OUT
200mA/div.
V
OUT
10V/div.
V
IO1
5V/div.
LoadTransientResponse
Testing condition: VIN=12V, 25 , LEDs=10S4P@100mA/CH, 1MHz,
PWMI=10KHz, Duty=99% to 0.3%
V_IO1
SDA
IOUT
VOUT
PWMI
6V/div.
I
OUT
200mA/div.
V
OUT
1V/div.
V
IO1
5V/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com