Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014AEVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC5014AEVB
Description  High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014AEVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC5014AEVB Datasheet HTML 3Page - Semtech Corporation SC5014AEVB Datasheet HTML 4Page - Semtech Corporation SC5014AEVB Datasheet HTML 5Page - Semtech Corporation SC5014AEVB Datasheet HTML 6Page - Semtech Corporation SC5014AEVB Datasheet HTML 7Page - Semtech Corporation SC5014AEVB Datasheet HTML 8Page - Semtech Corporation SC5014AEVB Datasheet HTML 9Page - Semtech Corporation SC5014AEVB Datasheet HTML 10Page - Semtech Corporation SC5014AEVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SC5014A
7
AnalogDimming
0
50
100
150
200
250
0
4
8
12
16
20
24
28
32
DEC
IO3+4
CurrentAccuracyvs.Temperature
SwitchingFrequencyvs.RFSET
LEDStringCurrentvs.RISET
LEDStringCurrentMatchingvs.Temperature
Temperature (°C)
LED String Current Matching vs. Temperature
LED String Current vs. R
ISET
R
FSET(KΩ)
Switching Frequency vs. R
FSET
IDAC Register Value (in decimal format)
LED String Current vs. Analog Dimming Control
Register (IDAC) Value
Typical Characteristics (continued)
V
CC=5V, 240mA/CH
R
ISET(KΩ)
LED String Current Accuracy vs Temperature
Temperature (°C)
V
CC=5V, 240mA/CH
0.01
0.10
1.00
10.00
100.00
0.01
0.10
1.00
10.00
100.00
Duty(%)
PWM Direct (100Hz, 30KHz)
100Hz
30KHz
100Hz
30KHz
LED PWM Dimming Duty Cycle(%)
PWM Dimming Linearity
240mA/CH, 10S2P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com