Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5014AEVB Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC5014AEVB
Description  High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014AEVB Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC5014AEVB Datasheet HTML 11Page - Semtech Corporation SC5014AEVB Datasheet HTML 12Page - Semtech Corporation SC5014AEVB Datasheet HTML 13Page - Semtech Corporation SC5014AEVB Datasheet HTML 14Page - Semtech Corporation SC5014AEVB Datasheet HTML 15Page - Semtech Corporation SC5014AEVB Datasheet HTML 16Page - Semtech Corporation SC5014AEVB Datasheet HTML 17Page - Semtech Corporation SC5014AEVB Datasheet HTML 18Page - Semtech Corporation SC5014AEVB Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
SC5014A
5
Table 1 — Fault Protection Descriptions
Type of
Fault
User
Disable?
Fault Criteria
Action on Fault
Recovery
Device
FLT pin (latching
/ non-latching
Condition(s)
FLT pin
Input
Under-voltage
at VIN
(UVLO)
No
V
IN < ( + R2/R)
x .23 (rising)
No Startup
Not Active
V
UVLO > .23V
(rising)
High
No
V
IN < ( + R2/R) × .23V - IUVLO
× R
 (falling)
Shutdown
Not Active
V
UVLO > .23V
(rising)
High
Input
Under-volt-
age at VCC
(UVLO)
No
VCC < 4.2V
(rising)
No Startup
Not Active
VCC > 4.2V
(rising)
High
No
VCC < 4.0V
(falling)
Shutdown
Not Active
VCC > 4.2V
(rising)
High
Over-voltage
Protection
(OVP)
No
V
OVP > .23V
(rising)
Regulate to OVP
threshold:
I
O(n) = “on”
Low
(non-latching)
V
OVP < .22V
(falling)
High on re-
moval of fault
condition
Over-current
Protection
(OCP)
No
V
CS > 0.4V
Limit Q FET drain
current < 0.4V/R9
(typ) ()
High
V
CS > 0.4V
High
Shorted
LED(s)
Yes, tie
SCP to
VCC
V
IO(n) > 20 x VSCP
Device on:
I
O(n) = “off”
Other I
O(All) = “on”
Low
(latching)
Replace Shorted
LED(s) and Toggle
EN, VCC or UVLO
High
V
IO(All) > 20 x VSCP
Device latch-off;
I
O(All) = “off”
Low
(latching)
Replace Shorted
LED(s) and Toggle
EN, VCC or UVLO
High
Open
LED(s)
No
V
IO(n) < 0.V
and OVP event
Device on:
I
O(n) = “off”
Other I
O(All) = “on”
Low
(latching)
Replace Open
LED(s) and Toggle
EN, VCC or UVLO
High
V
IO(All) < 0.V
and OVP event
Device latch-off;
I
O(All) = “off”
Low
(latching)
Replace Open
LED(s) and Toggle
EN, VCC or UVLO
High
Unused Strings
No
V
IO(All) < 0.V
(start up)
Device on:
I
O(n) = “off”
Other I
O(All) = “on”
High
Over-Tempera-
ture Protection
(OTP)
No
T
J > 50ºC (typ)
Device off;
I
O(All) = “off”
Low
(latching)
Satisfy T
HYS > 0ºC;
Device On;
I
O(All) = “on”;
Toggle EN, VCC or
UVLO
High
Note: Refer to the application circuit example for R
 and R2 on page 20, Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com